Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 11Page - Maxim Integrated Products MAX15021 Datasheet HTML 12Page - Maxim Integrated Products MAX15021 Datasheet HTML 13Page - Maxim Integrated Products MAX15021 Datasheet HTML 14Page - Maxim Integrated Products MAX15021 Datasheet HTML 15Page - Maxim Integrated Products MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products MAX15021 Datasheet HTML 18Page - Maxim Integrated Products MAX15021 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Below are equations that define the power modulator:
ROUT is the load resistance of the regulator, fLC is the
resonant break frequency of the filter, and fESR is the
ESR zero of the output capacitor. See the
Closed-Loop
Response and Compensation of Voltage-Mode
Regulators section for more information on fLC and fESR.
The switching frequency (fSW) is programmable
between 500kHz and 4MHz. Typically, the crossover
frequency (fCO)—the frequency at which the system’s
closed-loop gain is equal to unity (crosses 0dB)—
should be set at or below one-tenth the switching fre-
quency (fSW/10) for stable closed-loop response.
The MAX15021 provides an internal voltage-mode error
amplifier with its inverting input and its output available to
the user for external frequency compensation. The flexi-
bility of external compensation for each controller offers
a wide selection of output filtering components, especial-
ly the output capacitor. For cost-sensitive applications,
use aluminum electrolytic capacitors while for space-
sensitive applications, use low-ESR tantalum or multilay-
er ceramic chip (MLCC) capacitors at the output. The
higher switching frequencies of the MAX15021 allow the
use of MLCC as the primary filter capacitor(s).
First, select the passive and active power components
that meet the application output ripple, component
size, and component cost requirements. Second,
choose the small-signal compensation components to
achieve the desired closed-loop frequency response
and phase margin as outlined below.
Closed-Loop Response and Compensation
of Voltage-Mode Regulators
The power modulator’s LC lowpass filter exhibits a vari-
ety of responses, dependent on the value of the L and
C and their parasitics. Higher resistive parasitics
reduce the Q of the circuit, reducing the peak gain and
phase of the system; however, efficiency is also
reduced under these circumstances.
One such response is shown in Figure 4a. In this exam-
ple, the ESR zero occurs relatively close to the filter’s
resonant break frequency, fLC. As a result, the power
modulator’s uncompensated crossover is approximate-
ly one-third the desired crossover frequency, fCO. Note
also, the uncompensated rolloff through the 0dB plane
follows a single-pole, -20dB/decade slope, and 90° of
phase lag. In this instance, the inherent phase margin
ensures a stable system; however, the gain-bandwidth
product is not optimized.
Gain
V
V
V
V
4
4V/V
f
1
2L C
R
ESR
R
DCR
1
2L C
f
1
2
ESR C
MOD(DC)
AVIN
RAMP
AVIN
AVIN
LC
OUT
OUT
OUT
OUT
ESR
OUT
==
=
=
××
×
+
+
⎛
⎝⎜
⎞
⎠⎟
≈
××
=
××
π
π
π
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
Maxim Integrated
15
MAX15021 fig04a
-60
-40
-20
0
20
40
-80
100
1k
10k
FREQUENCY (Hz)
100k
1M
10M
10
-135
-90
-45
0
45
90
-180
|GMOD|
fLC
fESR
< GMOD
|GMOD| ASYMPTOTE
Figure 4a. Power Modulator Gain and Phase Response with
Lossy Bulk Output Capacitor(s) (Aluminum)
MAX15021 fig04b
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
-80
-135
-90
-45
0
45
90
135
180
-180
100
1k
10k
100k
1M
10M
10
< GEA
|GEA|
|GMOD|
fLC
fESR
fCO
< GMOD
Figure 4b. Power Modulator and Type II Compensator Gain and
Phase Response with Lossy Bulk Output Capacitor(s) (Aluminum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com