Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products MAX15021 Datasheet HTML 18Page - Maxim Integrated Products MAX15021 Datasheet HTML 19Page - Maxim Integrated Products MAX15021 Datasheet HTML 20Page - Maxim Integrated Products MAX15021 Datasheet HTML 21Page - Maxim Integrated Products MAX15021 Datasheet HTML 22Page - Maxim Integrated Products MAX15021 Datasheet HTML 23Page - Maxim Integrated Products MAX15021 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Applications Information
PCB Layout Guidelines
Careful PCB layout is critical to achieve clean and sta-
ble operation. Follow these guidelines for good PCB
layout:
1) Place decoupling capacitors as close as possible to
the IC pins.
2) Keep SGND and PGND isolated and connect them
at one single point close to the negative terminal of
the input filter capacitor.
3) Route high-speed switching nodes away from sensi-
tive analog areas (FB_, COMP_, and EN_).
4) Distribute the power components evenly across the
board for proper heat dissipation.
5) Ensure timing resistor and all feedback connections
are short and direct. Place feedback resistors as
close as possible to the IC.
6) Place the bank of the output capacitors close to the
load.
7) Connect the MAX15021 exposed pad to a large
copper plane to maximize its power dissipation
capability. Connect the exposed pad to SGND
plane. Do not connect the exposed pad to the
SGND pin directly underneath the IC.
8) Use 2oz. copper to keep trace inductance and
resistance to a minimum. Thin copper PCBs can
compromise efficiency since high currents are
involved in the application. Also thicker copper con-
ducts heat more effectively, thereby reducing ther-
mal impedance.
9) A reference PCB layout included in the MAX15021
Evaluation Kit is also provided to further aid layout.
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
20
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com