Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15021 Datasheet HTML 1Page - Maxim Integrated Products MAX15021 Datasheet HTML 2Page - Maxim Integrated Products MAX15021 Datasheet HTML 3Page - Maxim Integrated Products MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
Typical Operating Characteristics
(VAVIN = VDVDD1 = VDVDD2 = VPVIN1 = VPVIN2 = 5V, VOUT1 = 3.3V, VOUT2 = 1.5V, VPGND_ = 0V, RT = 16.5k
Ω. TA = +25°C, unless
otherwise noted.)
CHANNEL 1 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
1000
10
20
30
40
50
60
70
80
90
100
0
100
5000
VPVIN1 = 3.3V
VPVIN1 = 5V
VOUT1 = 1.8V
fSW = 2MHz
EN2 = 0V
CHANNEL 1 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
1000
10
20
30
40
50
60
70
80
90
100
0
100
5000
VOUT1 = 3.3V
VOUT1 = 1.8V
VOUT1 = 1.0V
VPVIN1 = 5V
fSW = 2MHz
EN2 = 0V
CHANNEL 2 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
1000
10
20
30
40
50
60
70
80
90
100
0
100
3000
PVIN2 = 5V
PVIN2 = 3.3V
VOUT2 = 1.5V
fSW = 2MHz
EN1 = 0V
CHANNEL 2 EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
1000
10
20
30
40
50
60
70
80
90
100
0
100
3000
VOUT2 = 1.0V
VOUT2 = 1.5V
VOUT2 = 2.5V
VPVIN2 = 5V
fSW = 2MHz
EN1 = 0V
CHANNEL 1
LOAD REGULATION
LOAD CURRENT (A)
2.5
2.0
1.5
1.0
0.5
3.302
3.304
3.306
3.308
3.310
3.312
3.314
3.316
3.318
3.320
3.300
0
3.0
VPVIN1 = 5V
fSW = 2MHz
CHANNEL 2
LOAD REGULATION
LOAD CURRENT (A)
1.25
1.00
0.75
0.50
0.25
1.5025
1.5030
1.5035
1.5040
1.5045
1.5050
1.5055
1.5060
1.5065
1.5070
1.5020
0
1.50
fSW = 2MHz
VPVIN2 = 5V
VPVIN2 = 3.3V
SWITCHING FREQUENCY
vs. RT RESISTANCE
RT RESISTANCE (k
Ω)
35
30
20
25
10
15
5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-40
125
fSW = 2MHz
MAX15021
4
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com