Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15021 Datasheet HTML 1Page - Maxim Integrated Products MAX15021 Datasheet HTML 2Page - Maxim Integrated Products MAX15021 Datasheet HTML 3Page - Maxim Integrated Products MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
2.50
-40
125
NO SWITCHING
MAX15021
Maxim Integrated
5
SWITCHING CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
14
13
15
16
17
18
19
20
21
22
23
24
25
26
27
12
-40
125
REGULATOR 1 ENABLED
VOUT1 = 3.3V
REGULATOR 2 ENABLED
VOUT2 = 1.5V
NORMALIZED UNDERVOLTAGE LOCKOUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.975
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
1.030
0.970
-40
125
VUVLO (NOM) = 2.2V
COINCIDENT TRACKING SOFT-START
MAX15021 toc13
VAVIN
5V/div
VOUT1
1V/div
VOUT2
1V/div
0V
0V
1ms/div
COINCIDENT TRACKING SOFT-STOP
MAX15021 toc14
VAVIN
5V/div
1V/div
0V
0V
400
μs/div
VOUT2
EN1
VOUT1
Typical Operating Characteristics (continued)
(VAVIN = VDVDD1 = VDVDD2 = VPVIN1 = VPVIN2 = 5V, VOUT1 = 3.3V, VOUT2 = 1.5V, VPGND_ = 0V, RT = 16.5k
Ω. TA = +25°C, unless
otherwise noted.)
EN_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
-25 -10 5
35 50 65
20
80
-40
125
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com