Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 14Page - Maxim Integrated Products MAX15021 Datasheet HTML 15Page - Maxim Integrated Products MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products MAX15021 Datasheet HTML 18Page - Maxim Integrated Products MAX15021 Datasheet HTML 19Page - Maxim Integrated Products MAX15021 Datasheet HTML 20Page - Maxim Integrated Products MAX15021 Datasheet HTML 21Page - Maxim Integrated Products MAX15021 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Solving for R1:
where VFB is the 0.6V (typ) FB_ input-voltage set-point,
L is the value of the regulator inductor, ESR is the
series resistance of the output capacitor, and VOUT_ is
the desired output voltage.
1) CF is determined from the compensator’s leading
zero, fZ1, and RF as follows:
2) CCF is determined from the compensator’s high-fre-
quency pole, fP1, and RF as follows:
3) Calculate R2 using the following equation:
where VFB = 0.6V (typ) and VOUT_ is the output voltage
of the regulator.
Type III: Compensation when fCO < fESR
As indicated above, the position of the output capaci-
tor’s inherent ESR zero is critical in designing an appro-
priate compensation network. When low-ESR ceramic
output capacitors (MLCCs) are used, the ESR zero fre-
quency (fESR) is usually much higher than the desired
crossover frequency (fCO). In this case, a type III com-
pensation network is recommended (see Figure 6a).
As shown in Figure 6b, the Type III compensation net-
work introduces two zeros and three poles into the con-
trol loop. The error amplifier has a low-frequency pole
at the origin, two zeros, and two higher frequency poles
at the following frequencies:
Two midband zeros (fZ1 and fZ2) are designed to com-
pensate for the pair of complex poles introduced by the
LC filter.
fP1 introduces a pole at zero frequency (integrator) for
nulling DC output voltage errors.
fP1= at the origin (0Hz)
Depending on the location of the ESR zero (fESR), fP2
can be used to cancel it, or to provide additional atten-
uation of the high-frequency output ripple.
fP3 attenuates the high-frequency output ripple.
Since CCF << CF then:
f
1
2
R
C
P3
FCF
=
××
π
f
1
2R
C C
1
2R
CC
CC
P3
FF
CF
F
FCF
FCF
=
××
()
=
××
×
+
π
π
f
1
2R
C
P2
II
=
××
π
f
1
2R
C
f
1
2C
(R
R )
Z1
FF
Z2
I1
I
=
××
=
××
+
π
π
R [k] R [k]
V
[V]
V
[V] V
[V]
21
FB
OUT_
FB
ΩΩ
=×
−
CF]
1
2
R [k ] f
[kHz]
CF
FP1
[
μ
π
=
××
Ω
C[ F]
1
2
R [k ] f
[kHz]
F
FZ1
μ
π
=
××
Ω
R [k ]
R [k ] 4 ESR[m ] V
[V]
2
f
[kHz] L[ H] V
[V]
1
FFB
CO
OUT_
Ω
ΩΩ
=
××
×
××
×
πμ
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
18
Maxim Integrated
R1
VREF
RF
FB_
COMP_
VOUT_
R2
CF
CCF
RI
CI
Figure 6a. Type III Compensation Network
GAIN
(dB)
1ST ASYMPTOTE
(
ωR1CF)-1
3RD ASYMPTOTE
(
ωRFCI)-1
5TH ASYMPTOTE
(
ωRICCF)-1
ω(rad/sec)
1ST POLE
(AT ORIGIN)
2ND POLE
(RICI)-1
3RD POLE
(RFCCF)-1
1ST ZERO
(RFCF)-1
2ND ASYMPTOTE
RF
R1
( )
1
4TH ASYMPTOTE
RF
RI
( )
2ND ZERO
(R1CI)-1
Figure 6b. Type III Compensation Network Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com