Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15021 Datasheet HTML 1Page - Maxim Integrated Products MAX15021 Datasheet HTML 2Page - Maxim Integrated Products MAX15021 Datasheet HTML 3Page - Maxim Integrated Products MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
Maxim Integrated
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVIN = VPVIN_ = VDVDD_ = 3.3V, VPGND_ = VSGND_ = 0V, RT = 25k
Ω, and TA = TJ = -40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 3)
Note 3: Specifications are 100% production tested at TA = +25°C and TA = +125°C. Maximum and minimum specifications over
temperature are guaranteed by design.
Note 4: When operating with VAVIN = 2.5V, the maximum switching frequency should be derated to 3MHz.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CURRENT LIMIT AND HICCUP MODE
VAVIN = 3.3V
4.5
4.9
5.3
Regulator 1 Peak Current Limit
VAVIN = 2.5V
3.4
3.65
3.95
A
VAVIN = 3.3V
4.0
4.9
5.65
Regulator 1 Valley Current Limit
VAVIN = 2.5V
3.0
3.7
4.25
A
VAVIN = 3.3V
2.25
2.45
2.65
Regulator 2 Peak Current Limit
VAVIN = 2.5V
1.70
1.85
1.98
A
VAVIN = 3.3V
2.0
2.5
2.83
Regulator 2 Valley Current Limit
VAVIN = 2.5V
1.5
1.85
2.13
A
Number of Cumulative Current-Limit
Events to Hiccup
NCL
4
Clock
Cycles
Number of Consecutive Noncurrent
Limit Cycles to Clear NCL
NCLR
3
Clock
Cycles
Hiccup Timeout
NHT
8192
Clock
Cycles
ENABLE/SEL
EN_ Threshold
VEN_ rising
1.207
1.225
1.243
V
EN_ Hysteresis
0.12
V
EN_ Input Current
-2.5
+2.5
µA
SEL High Threshold
0.85 x VAVIN
V
SEL Low Threshold
0.2 x VAVIN
V
SEL Input Bias Current
Present only during startup
-100
+100
µA
OSCILLATOR
Switching Frequency Range
fSW
fSW = 3MHz x [VRT(V)/1.067(V)]
(Note 4)
500
4000
kHz
fSW
≤ 1500kHz
-6
+6
Oscillator Accuracy
fSW > 1500kHz
-10
+10
%
Phase Shift Between Regulators
180
Degrees
RT Current
0 < VRT < 1.067V
31.30
32
32.58
µA
RT Voltage Range
VRT
0.13
1.067
V
Minimum Controllable On-Time
60
ns
Minimum Controllable Off-Time
60
ns
PWM Ramp Amplitude
VAVIN/4
V
PWM Ramp Valley
0.3
V
THERMAL SHUTDOWN
Thermal Shutdown Temperature
Temperature rising
+160
°C
Thermal Shutdown Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com