Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 10Page - Maxim Integrated Products MAX15021 Datasheet HTML 11Page - Maxim Integrated Products MAX15021 Datasheet HTML 12Page - Maxim Integrated Products MAX15021 Datasheet HTML 13Page - Maxim Integrated Products MAX15021 Datasheet HTML 14Page - Maxim Integrated Products MAX15021 Datasheet HTML 15Page - Maxim Integrated Products MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products MAX15021 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Use the following equation to calculate the input ripple
when only one regulator is enabled:
The MAX15021 includes UVLO hysteresis to avoid possi-
ble unintentional chattering during turn-on. Use additional
bulk capacitance if the input source impedance is high. If
using a lower input voltage, additional input capacitance
helps to avoid possible undershoot below the undervolt-
age lockout threshold during transient loading.
Output-Capacitor Selection
The allowed output-voltage ripple and the maximum
deviation of the output voltage during load steps deter-
mine the required output capacitance and its ESR. The
output ripple is mainly composed of
ΔVQ (caused by
the capacitor discharge) and
ΔVESR (caused by the
voltage drop across the equivalent series resistance of
the output capacitor). The equations for calculating the
output capacitance and its ESR are:
where
ΔIP-P is the peak-to-peak inductor current, and
fSW is the switching frequency.
ΔVESR and ΔVQ are not directly additive since they are
out of phase from each other. If using ceramic capaci-
tors, which generally have low ESR,
ΔVQ dominates. If
using electrolytic capacitors,
ΔVESR dominates.
The allowable deviation of the output voltage during
fast load transients also affects the output capacitance,
its ESR, and its equivalent series inductance (ESL). The
output capacitor supplies the load current during a
load step until the controller responds with an
increased duty cycle. The response time (tRESPONSE)
depends on the gain bandwidth of the controller (see
the
Compensation-Design Guidelines section). The
resistive drop across the output capacitor’s ESR
(
ΔVESR), the drop across the capacitor’s ESL (ΔVESL),
and the capacitor discharge (
ΔVQ) cause a voltage
droop during the load-step (ISTEP). Use a combination
of low-ESR tantalum/aluminum electrolyte and ceramic
capacitors for better load transient and voltage ripple
performance. Nonleaded capacitors and capacitors in
parallel help reduce the ESL. Keep the maximum out-
put voltage deviation below the tolerable limits of the
electronics being powered.
Use the following equations to calculate the required
output capacitance, ESR, and ESL for minimal output
deviation during a load step:
where ISTEP is the load step, tSTEP is the rise time of the
load step, and tRESPONSE is the response time of the
controller.
Compensation-Design Guidelines
The MAX15021 uses a fixed-frequency, voltage-mode
control scheme that regulates the output voltage by
comparing the output voltage against a fixed reference.
The subsequent “error” voltage that appears at the
error-amplifier output (COMP_) is compared against an
internal ramp voltage to generate the required duty
cycle of the pulse-width modulator. A second-order
lowpass LC filter removes the switching harmonics and
passes the DC component of the pulse-width-modulat-
ed signal to the output. The LC filter has an attenuation
slope of -40dB/decade and introduces 180° of phase
shift at frequencies above the LC resonant frequency.
This phase shift in addition to the inherent 180° of
phase shift of the regulator’s negative feedback system
turns the feedback into unstable positive feedback. The
error amplifier and its associated circuitry must be
designed to achieve a stable closed-loop system.
The basic controller loop consists of a power modulator
(comprised of the regulator’s pulse-width modulator,
associated circuitry, and LC filter), an output feedback
divider, and an error amplifier. The power modulator has
a DC gain set by VAVIN/VRAMP where the ramp voltage
(VRAMP) is a function of the VAVIN and results in a fixed
DC gain of 4V/V, providing effective feed-forward com-
pensation of input-voltage supply DC variations. The
feed-forward compensation eliminates the dependency
of the power modulator’s gain on the input voltage such
that the feedback compensation of the error amplifier
requires no modifications for nominal input-voltage
changes. The output filter is effectively modeled as a
double-pole and a single zero set by the output induc-
tance (L), the DC resistance of the inductor (DCR), the
output capacitance (COUT) and its equivalent series
resistance (ESR).
ESR m
V
[mV]
I
[A]
C
I
[A] t
V [V]
ESL
V
[mV] t
I
[A]
ESR
STEP
OUT
STEP
RESPONSE
Q
ESL
STEP
STEP
[]
[]
[]
[]
[]
Ω
Δ
Δ
Δ
=
=
×
=
×
μ
μ
μ
F
s
nH
s
CF
I
[A]
8
V [V] f
[MHz]
ESR m
2
V
[mV]
I
[A]
OUT
PP
QSW
ESR
PP
[]
[]
μ=
××
=
×
−
−
Δ
Δ
Ω
Δ
Δ
I
[A]
I
[A]
V
[V]
V
V
[V]
V
[V]
CIN(RMS)
LOAD(MAX)
OUT_
PVIN_
OUT_
PVIN_
=×
×−
()
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
14
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com