Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 9Page - Maxim Integrated Products MAX15021 Datasheet HTML 10Page - Maxim Integrated Products MAX15021 Datasheet HTML 11Page - Maxim Integrated Products MAX15021 Datasheet HTML 12Page - Maxim Integrated Products MAX15021 Datasheet HTML 13Page - Maxim Integrated Products MAX15021 Datasheet HTML 14Page - Maxim Integrated Products MAX15021 Datasheet HTML 15Page - Maxim Integrated Products MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Effective Input-Voltage Range
Although the MAX15021’s regulators can operate from
input supplies ranging from 2.5V to 5.5V, the input-volt-
age range can be effectively limited by the
MAX15021’s duty-cycle limitations for a given output
voltage (VOUT_). The maximum input voltage
(VPVIN_MAX) can be effectively limited by the control-
lable minimum on-time (tON(MIN)):
where tON(MIN) is 0.06µs (typ).
The minimum input voltage (VPVIN_MIN) can be effec-
tively limited by the maximum controllable duty cycle
and is calculated using the following equation:
where VOUT_ is the regulator output voltage and
tOFF(MIN) is the 0.06µs (typ) controllable off-time.
Inductor Selection
Three key inductor parameters must be specified for
operation with the MAX15021: inductance value (L),
peak inductor current (IPEAK), and inductor saturation
current (ISAT). The minimum required inductance is a
function of operating frequency, input-to-output voltage
differential, and the peak-to-peak inductor current
(
ΔIP-P). Higher ΔIP-P allows for a lower inductor value. A
lower inductance minimizes size and cost and
improves large-signal and transient response.
However, efficiency is reduced due to higher peak cur-
rents and higher peak-to-peak output-voltage ripple for
the same output capacitor. A higher inductance
increases efficiency by reducing the ripple current;
however, resistive losses due to extra wire turns can
exceed the benefit gained from lower ripple current lev-
els especially when the inductance is increased without
also allowing for larger inductor dimensions. Choose
the inductor’s peak-to-peak current,
ΔIP-P, in the range
of 20% to 50% of the full load current; as a rule of
thumb 30% is typical.
Calculate the inductance, L, using the following equation:
where VPVIN_ is the input supply voltage, VOUT_ is the
regulator output voltage, and fSW is the switching fre-
quency. Use typical values for VPVIN_ and VOUT_ so
that efficiency is optimum for typical conditions. The
switching frequency (fSW) is programmable between
500kHz and 4MHz (see the
Oscillator section).
The peak-to-peak inductor current (
ΔIP-P), which
reflects the peak-to-peak output ripple, is largest at the
maximum input voltage. See the
Output-Capacitor
Selection section to verify that the worst-case output
current ripple is acceptable.
Select an inductor with a saturation current, ISAT, high-
er than the maximum peak current to avoid runaway
current during continuous output short-circuit condi-
tions. Also, confirm that the inductor’s thermal perfor-
mances and projected temperature rise above ambient
does not exceed its thermal capacity. Many inductor
manufacturers provide bias/load current versus tem-
perature rise performance curves (or similar) to obtain
this information.
Input-Capacitor Selection
The discontinuous input current of the buck converter
causes large input ripple currents and therefore, the
input capacitor must be carefully chosen to withstand
the input ripple current and keep the input-voltage rip-
ple within design requirements.
The input-voltage ripple is comprised of
ΔVQ (caused by
the capacitor discharge) and
ΔVESR (caused by the ESR
of the input capacitor). The total voltage ripple is the
sum of
ΔVQ and ΔVESR which peaks at the end of the
on-cycle. Calculate the required input capacitance and
ESR for a specified ripple using the following equations:
ILOAD(MAX) is the maximum output current,
ΔIP-P is the
peak-to-peak inductor current, and VPVIN_ is the input
supply voltage, VOUT_ is the regulator output voltage,
and fSW is the switching frequency.
ESR
V
[mV]
I
I
2
[A]
C
I
[A]
V
[V]
V
[V]
V [V] f
[MHz]
I
[A]
V
V
[V] V
[V]
V
[V] f
[MHz] L
ESR
LOAD(MAX)
PP
PVIN_
LOAD(MAX)
OUT_
PVIN_
QSW
PP
PVIN_
OUT_
OUT_
PVIN_
SW
[]
[]
[]
m
F
H
Ω
Δ
Δ
Δ
Δ
=
+
⎝⎜
⎠⎟
=
×
×
=
() ×
××
μ
μ
LH
IA
PP
[]
[]
μ=
×−
××
V
[V] (V
[V] V
[V])
V
[V] f
[MHz]
OUT_
PVIN_
OUT_
PVIN_
SW
Δ
V
[V]
V
[V]
1 (t
[ s] f
[MHz])
PVIN_MIN
OUT_
OFF(MIN)
SW
−×
μ
V
[V]
V
[V]
t
[ s] f
[MHz]
PVIN_MAX
OUT_
ON(MIN)
SW
×
μ
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
Maxim Integrated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com