Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 13Page - Maxim Integrated Products MAX15021 Datasheet HTML 14Page - Maxim Integrated Products MAX15021 Datasheet HTML 15Page - Maxim Integrated Products MAX15021 Datasheet HTML 16Page - Maxim Integrated Products MAX15021 Datasheet HTML 17Page - Maxim Integrated Products MAX15021 Datasheet HTML 18Page - Maxim Integrated Products MAX15021 Datasheet HTML 19Page - Maxim Integrated Products MAX15021 Datasheet HTML 20Page - Maxim Integrated Products MAX15021 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Type II: Compensation when fCO > fZERO,ESR
When the fCO is greater than fESR, a Type II compensa-
tion network provides the necessary closed-loop com-
pensated response. The Type II compensation network
provides a midband compensating zero and a high-fre-
quency pole (see Figures 5a and 5b).
RFCF provides the midband zero fMID,ZERO, and
RFCCF provides the high-frequency pole, fHIGH,POLE.
Use the following procedure to calculate the compen-
sation network components.
Calculate the fESR and LC double pole, fLC:
where COUT is the regulator output capacitor and ESR
is the series resistance of COUT. See the Output-
Capacitor Selection section for more information on cal-
culating COUT and ESR.
Set the compensator’s leading zero, fZ1, at or below the
filter’s resonant double-pole frequency from:
Set the compensator’s high-frequency pole, fP1, at or
below one-half the switching frequency, fSW:
To maximize the compensator’s phase lead, set the
desired crossover frequency, fCO, equal to the geomet-
ric mean of the compensator’s leading zero, fZ1, and
high-frequency pole, fP1, as follows:
Select the feedback resistor, RF, in the range of 3.3k
Ω
to 30k
Ω.
Calculate the gain of the modulator (GainMOD)—com-
prised of the regulator’s pulse-width modulator, LC filter,
feedback divider, and associated circuitry—at the desired
crossover frequency, fCO, using the following equation:
where VFB is the 0.6V (typ) FB_ input-voltage set-point,
L is the value of the regulator inductor, ESR is the
series resistance of the output capacitor, and VOUT_ is
the desired output voltage.
The gain of the error amplifier (GainE/A) in the midband
frequencies is:
The total loop gain is the product of the modulator gain
and the error amplifier gain at fCO and should be set
equal to 1 as follows:
GainMOD x GainE/A = 1
So:
20 log
20 log
0dB
R
R
4 ESR x V
2
f
L x V
1
10
R
R
10
4 ESR x V
2
f
L x V
F
1
FB
CO
OUT_
F
1
FB
CO
OUT_
×+
×
=
×
×
××
=
⎡
⎣
⎢
⎤
⎦
⎥
×
××
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
π
π
Gain
R [k ]
R [k ]
E/A
F
1
=
Ω
Ω
Gain
4(V/V)
ESR [m ]
2
f
[kHz]
L[ H]
V
[V]
V
[V]
MOD
CO
FB
OUT_
=×
××
()
×
Ω
πμ
ff
f
CO
Z1
P1
=×
f
f
2
P1
SW
≤
ff
Z1
LC
≤
f
1
2
ESR C
f
1
2L C
ESR
OUT
LC
OUT
=
××
≈
××
π
π
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
Maxim Integrated
17
R1
VREF
RF
FB_
COMP_
VOUT_
R2
CF
CCF
Figure 5a. Type II Compensation Network
GAIN
(dB)
1ST ASYMPTOTE
(
ωR1CF)-1
2ND ASYMPTOTE
(RFR1)-1
3RD ASYMPTOTE
(
ωRFCCF)-1
ω(rad/sec)
1ST POLE
(AT ORIGIN)
2ND POLE
(RFCCF)-1
1ST ZERO
(RFCF)-1
Figure 5b. Type II Compensation Network Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com