Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15021 Datasheet HTML 1Page - Maxim Integrated Products MAX15021 Datasheet HTML 2Page - Maxim Integrated Products MAX15021 Datasheet HTML 3Page - Maxim Integrated Products MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVIN = VPVIN_ = VDVDD_ = 3.3V, VPGND_ = VSGND_ = 0V, RT = 25k
Ω, and TA = TJ = -40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: LX_ has internal diodes to PGND_ and PVIN_. Applications that forward bias these diodes should take care not to exceed
the IC’s package power dissipation.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations see www.maximintegrated.com/thermal-tutorial.
AVIN, PVIN_, DVDD_, EN_, FB_, RT,
SEL to SGND .........................................................-0.3V to +6V
COMP_ to SGND .....................................-0.3V to (VAVIN + 0.3V)
PGND_ to SGND ...................................................-0.3V to +0.3V
LX_ Current (Note 1)
Regulator 1...............................................................................6A
Regulator 2...............................................................................3A
Current into Any Pin other than PVIN_,
LX_, and PGND_ ..............................................................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN (derate 34.5mW/°C above +70°C) .....2758.6mW
Junction-to-Case Thermal Resistance (
θJC)(Note 2) .........2°C/W
Junction-to-Ambient Thermal Resistance (
θJA)(Note 2) ..29°C/W
Operating Temperature Range .........................-40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
Input-Voltage Range
VAVIN = VPVIN1 = VPVIN2 = VDVDD1 =
VDVDD2
2.5
5.5
V
Undervoltage Lockout Threshold
AVIN rising
2.1
2.2
2.3
V
Undervoltage Lockout Hysteresis
0.12
V
Operating Supply Current
VEN_= 1.3V, VFB_ = 0.8V
3.5
6
mA
Shutdown Supply Current
VEN_ = 0V
20
65
µA
PWM DIGITAL SOFT-START/SOFT-STOP
Soft-Start/Soft-Stop Duration
4096
Clock
Cycles
Reference Voltage Steps
64
Steps
PWM ERROR AMPLIFIERS
FB1, FB2 Input Bias Current
-1
+1
µA
FB1, FB2 Voltage Set-Point
0.593
0.599
0.605
V
COMP1, COMP2 Voltage Range
ICOMP_ = -250µA to +250µA
0.3
VAVIN - 0.5
V
Error-Amplifier Open-Loop Gain
80
dB
Error-Amplifier Unity-Gain Bandwidth
12
MHz
POWER MOSFETs
Regulator 1 p-Channel MOSFET RDSON
VDVDD1 = 5V
50
90
m
Ω
Regulator 1 n-Channel MOSFET RDSON
VDVDD1 = 5V
30
50
m
Ω
Regulator 1 Gate Charge
VDVDD1 = 5V
8
nC
Maximum LX1 RMS Current
4A
Regulator 2 p-Channel MOSFET RDSON
VDVDD2 = 5V
100
180
m
Ω
Regulator 2 n-Channel MOSFET RDSON
VDVDD2 = 5V
60
100
m
Ω
Regulator 2 Gate Charge
VDVDD2 = 5V
4
nC
Maximum LX2 RMS Current
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com