Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 3Page - Maxim Integrated Products MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products MAX15021 Datasheet HTML 10Page - Maxim Integrated Products MAX15021 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
Pin Description
PIN
NAME
FUNCTION
1
SEL
Track/Sequence Select Input. Connect SEL to ground to configure the device as a sequencer. Connect
SEL to AVIN for tracking with output 1 as the master. Leave SEL unconnected for tracking with output 2
as the master. Use the output with the higher voltage as the master and the output with the lower voltage
as the slave.
2, 7, 8
PGND1
Power Ground Connection for Regulator 1. Connect the negative terminals of the input and output filter
capacitor to PGND1. Connect PGND1 externally to SGND at a single point, typically at the negative
terminal of the input capacitor.
3, 6
LX1
Inductor Connection for Regulator 1. LX1 is the drain connection of the internal high-side p-channel
MOSFET and the drain connection of the internal synchronous n-channel MOSFET for regulator 1.
4, 5
PVIN1
Input Supply Voltage for Regulator 1. Connect to an external voltage source from 2.5V to 5.5V. Bypass
PVIN1 to PGND1 with a 1µF (min) ceramic capacitor.
9
DVDD1
Switch Driver Supply for Regulator 1. Connect externally to PVIN1.
10
EN1
Enable Input for Regulator 1. When configured as a sequencer, EN1 must exceed 1.225V (typ) for the
PWM controller to begin regulating output 1. When configured as a tracker, connect EN1 to the center
tap of a resistive divider from the regulator 2 output.
11
FB1
Feedback Regulation Point for Regulator 1. Connect FB1 to the center tap of a resistive divider from the
regulator 1 output to SGND to set the output voltage. The FB1 voltage regulates to 0.6V (typ).
12
COMP1
Error-Amplifier Output for Regulator 1. Connect COMP1 to the compensation feedback network.
13, 14, 15,
20, 21, 22
N.C.
No Connection. Do not connect.
16
DVDD2
Switch Driver Supply for Regulator 2. Connect externally to PVIN2.
17
PGND2
Power Ground Connection for Regulator 2. Connect the negative terminals of the input and output filter
capacitors to PGND2. Connect PGND2 externally to SGND at a single point, typically at the negative
terminal of the input capacitor.
18
LX2
Inductor Connection for Regulator 2. LX2 is the drain connection of the internal high-side p-channel
MOSFET and the drain connection of the internal synchronous n-channel MOSFET for regulator 2.
19
PVIN2
Input Supply Voltage for Regulator 2. Connect to an external voltage source from 2.5V to 5.5V. Bypass
PVIN2 to PGND2 with a 1µF (min) ceramic capacitor.
23
COMP2
Error-Amplifier Output for Regulator 2. Connect COMP2 to the compensation feedback network.
24
FB2
Feedback Regulation Point for Regulator 2. Connect to the center tap of a resistive divider from the
regulator 2 output to SGND to set the output voltage. The FB2 voltage regulates to 0.6V (typ).
25
EN2
Enable Input for Regulator 2. When configured as a sequencer, EN2 must exceed 1.225V (typ) for the
PWM controller to begin regulating output 2. When configured as a tracker, connect EN2 to the center
tap of a resistive divider from the regulator 1 output.
26
SGND
Signal Ground. Connect SGND to PGND_ at a single point, typically near negative terminal of the input
bypass capacitor.
27
AVIN
Input Voltage. Bypass AVIN to SGND with a 100nF (min) ceramic capacitor.
28
RT
Oscillator Timing Resistor Connection. Connect a 4.2k
Ω to 33kΩ resistor from RT to SGND to program
the switching frequency from 500kHz to 4MHz.
—EP
Exposed Pad. Connect EP to a large copper plane at SGND potential to improve thermal dissipation. Do
not use as the main SGND connection.
MAX15021
Maxim Integrated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com