Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15021 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products MAX15021 Datasheet HTML 10Page - Maxim Integrated Products MAX15021 Datasheet HTML 11Page - Maxim Integrated Products MAX15021 Datasheet HTML 12Page - Maxim Integrated Products MAX15021 Datasheet HTML 13Page - Maxim Integrated Products MAX15021 Datasheet HTML 14Page - Maxim Integrated Products MAX15021 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Coincident/Ratiometric Tracking
The enable inputs in conjunction with digital soft-start
and soft-stop provide coincident/ratiometric tracking.
Track an output voltage by connecting a resistive
divider from the output being tracked to its enable
input. For example, for VOUT2 to coincidentally track
VOUT1, connect the same resistive divider used for
FB2, from VOUT1 to EN2 to SGND (see Figure 2).
Track ratiometrically by connecting EN_ to SGND. This
synchonizes the soft-start and soft-stop of all the regu-
lator references, and hence their respective output volt-
ages will track ratiometrically (see Figure 2).
When the MAX15021 regulators are configured as volt-
age trackers, output short-circuit fault conditions at
either master or slave output are handled carefully—nei-
ther the master nor slave output will remain energized
when the other output is shorted to ground. When the
slave is shorted and enters hiccup mode, the master will
soft-stop. When the master is shorted and the part
enters in hiccup mode, the slave will ratiometrically soft-
stop. Coming out of hiccup mode, both outputs will soft-
start coincidently or ratiometrically depending on their
initial configuration. During the thermal shutdown or
power-off when the input falls below its UVLO, the out-
put voltages decrease at a rate depending on the
respective output capacitance and load.
See Figure 1 for a graphical representation of coinci-
dent/ratiometric tracking.
Sequencing
When sequencing, the voltage at the enable inputs
must exceed 1.225V (typ) for each PWM controller to
start (see Figure 1c).
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
Maxim Integrated
11
VRIN1
EN2
EN1
SEL
AVIN
OUTPUT 1 IS THE MASTER AND
OUTPUT 2 IS THE SLAVE.
RATIOMETRIC TRACKING
COINCIDENT TRACKING
COINCIDENT TRACKING
SEL
AVIN
OUTPUT 1 IS THE MASTER AND
OUTPUT 2 IS THE SLAVE.
VRIN1
RA
RB
RA
RB
EN1
VOUT1
EN2
VOUT2
FB2
SEL
UNCONNECTED
OUTPUT 2 IS THE MASTER AND
OUTPUT 1 IS THE SLAVE.
VRIN2
RC
RD
RC
RD
EN2
VOUT2
EN1
VOUT1
FB1
VRIN2
EN1
EN2
SEL
UNCONNECTED
OUTPUT 2 IS THE MASTER AND
OUTPUT 1 IS THE SLAVE.
Figure 2. Ratiometric Tracking and Coincident Tracking Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com