Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet (PDF) - Analog Devices

TMP01 Datasheet PDF - Analog Devices
Part # TMP01
Download  TMP01 Download
File Size   377.08 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Programmable Temperature Controller

TMP01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP01 Datasheet PDF - Analog Devices

Part # TMP01
Download  TMP01 Click to download

File Size   377.08 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Programmable Temperature Controller

TMP01 Datasheet (HTML) - Analog Devices


TMP01 Product details

GENERAL DESCRIPTION
The TMP01 is a temperature sensor that generates a voltage output proportional to absolute temperature and a control signal from one of two outputs when the device is either above or below a specific temperature range. Both the high/low temperature trip points and hysteresis (overshoot) band are determined by user-selected external resistors. For high volume production, these resistors are available on board.
The TMP01 consists of a band gap voltage reference combined with a pair of matched comparators. The reference provides both a constant 2.5 V output and a voltage proportional to absolute temperature (VPTAT) which has a precise temperature coefficient of 5 mV/K and is 1.49 V (nominal) at 25°C. The comparators compare VPTAT with the externally set temperature trip points and generate an open-collector output signal when one of their respective thresholds has been exceeded.

FEATURES
  −55°C to +125°C (−67°F to +257°F) operation
  ±1.0°C accuracy over temperature (typ)
  Temperature-proportional voltage output
  User-programmable temperature trip points
  User-programmable hysteresis
  20 mA open-collector trip point outputs
  TTL/CMOS compatible
  Single-supply operation (4.5 V to 13.2 V)
  PDIP, SOIC, and TO-99 packages

APPLICATIONS
  Over/under temperature sensor and alarm
  Board-level temperature sensing
  Temperature controllers
  Electronic thermostats
  Thermal protection
  HVAC systems
  Industrial process control
  Remote sensors




Similar Part No. - TMP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP01 AD-TMP01 Datasheet
2Mb / 13P
Analog Devices Wiki
7/12/22
TMP01ES AD-TMP01ES Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01ES-REEL AD-TMP01ES-REEL Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01ESZ-REEL1 AD-TMP01ESZ-REEL1 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
TMP01ESZ1 AD-TMP01ESZ1 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
More results


Similar Description - TMP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
Programmable Low Power Gyroscope with Temperature Compensation
Oct-2006
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
Programmable Controller
logo
Omron Electronics LLC
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
Programmable Controller
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
Omron Electronics LLC
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
Programmable Controller
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
Programmable Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com