Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet(PDF) 8 Page - Analog Devices

Part # TMP01
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 8 Page - Analog Devices

Back Button TMP01 Datasheet HTML 4Page - Analog Devices TMP01 Datasheet HTML 5Page - Analog Devices TMP01 Datasheet HTML 6Page - Analog Devices TMP01 Datasheet HTML 7Page - Analog Devices TMP01 Datasheet HTML 8Page - Analog Devices TMP01 Datasheet HTML 9Page - Analog Devices TMP01 Datasheet HTML 10Page - Analog Devices TMP01 Datasheet HTML 11Page - Analog Devices TMP01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TMP01
REV. C
–8–
–75
125
–50
100
75
50
25
0
–25
+2.0
–3.0
+1.0
–1.0
0
+1.5
+0.5
–0.5
–1.5
TEMPERATURE –
°C
V+ = +5V
Figure 7. VPTAT Accuracy vs. Temperature
2.508
2.496
2.500
2.504
2.506
2.502
2.498
–75
125
–50
100
75
50
25
0
–25
V+ = +5V
TEMPERATURE –
°C
Figure 8. VREF Accuracy vs. Temperature
6.0
0
3.0
1.0
2.0
5.0
4.0
50
10
0
40
30
20
V
C = +15V
V+ = +5V
T
A = +25°C
I
C – mA
Figure 9. Open-Collector Output (OVER, UNDER) Satura-
tion Voltage vs. Output Current
2.510
2.490
2.496
2.492
2.494
2.502
2.498
2.500
2.504
2.506
2.508
1000
200
0
800
400
600
X + 3
σ
X
X – 3
σ
CURVES NOT NORMALIZED
EXTRAPOLATED FROM OPERATING LIFE DATA
T = HOURS OF OPERATION AT 125
°C; V+ = +5V
Figure 10. VREF Long Term Drift Accelerated by Burn-In
100
1k
1M
100k
10k
–20
100
40
20
0
60
80
FREQUENCY – Hz
V+ = +5V
I
VREF
= 10
µA
Figure 11. VREF Power Supply Rejection vs. Frequency
TEMPERATURE –
°C
1.0
0.1
0.01
–75
–50
125
100
75
50
25
0
–25
V+ = +5V
I
VREF
= 7.5
µA
Figure 12. Set High, Set Low Input Offset Voltage vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com