Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet(PDF) 6 Page - Analog Devices

Part # TMP01
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP01 Datasheet HTML 2Page - Analog Devices TMP01 Datasheet HTML 3Page - Analog Devices TMP01 Datasheet HTML 4Page - Analog Devices TMP01 Datasheet HTML 5Page - Analog Devices TMP01 Datasheet HTML 6Page - Analog Devices TMP01 Datasheet HTML 7Page - Analog Devices TMP01 Datasheet HTML 8Page - Analog Devices TMP01 Datasheet HTML 9Page - Analog Devices TMP01 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TMP01
REV. C
–6–
Temperature Hysteresis
The temperature hysteresis is the number of degrees beyond the
original setpoint temperature that must be sensed by the TMP01
before the setpoint comparator will be reset and the output dis-
abled. Figure 2 shows the hysteresis profile. The hysteresis is
programmed by the user by setting a specific load on the refer-
ence voltage output VREF. This output current IVREF is also
called the hysteresis current, which is mirrored internally and
fed to a buffer with an analog switch.
LO
HI
OUTPUT
VOLTAGE
OVER, UNDER
TEMPERATURE
HYSTERESIS
LOW
HYSTERESIS HIGH =
HYSTERESIS LOW
T
SETLOW
T
SETHIGH
HYSTERESIS
HIGH
Figure 2. TMP01 Hysteresis Profile
After a temperature setpoint has been exceeded and a compara-
tor tripped, the buffer output is enabled. The output is a cur-
rent of the appropriate polarity which generates a hysteresis
offset voltage across an internal 1000
Ω resistor at the compara-
tor input. The comparator output remains “on” until the volt-
age at the comparator input, now equal to the temperature
sensor voltage VPTAT summed with the hysteresis offset, has
returned to the programmed setpoint voltage. The comparator
then returns LOW, deactivating the open-collector output and
disabling the hysteresis current buffer output. The scale factor
for the programmed hysteresis current is:
IHYS = IVREF = 5
µA/°C + 7 µA
Thus since VREF = 2.5 V, with a reference load resistance of
357 k
Ω or greater (output current 7 µA or less), the temperature
setpoint hysteresis will be zero degrees. See the temperature
programming discussion below. Larger values of load resistance
will only decrease the output current below 7
µA and will have
no effect on the operation of the device. The amount of hyster-
esis is determined by selecting a value of load resistance for
VREF, as shown below.
Programming the TMP01
In the basic fixed-setpoint application utilizing a simple resistor
ladder voltage divider, the desired temperature setpoints are
programmed in the following sequence:
1. Select the desired hysteresis temperature.
2. Calculate the hysteresis current IVREF.
3. Select the desired setpoint temperatures.
4. Calculate the individual resistor divider ladder values needed
to develop the desired comparator setpoint voltages at
SETHIGH and SETLOW.
The hysteresis current is readily calculated, as shown. For
example, for 2 degrees of hysteresis, IVREF = 17 µA. Next, the
setpoint voltages VSETHIGH and VSETLOW are determined using
the VPTAT scale factor of 5 mV/K = 5 mV/(
°C + 273.15),
which is 1.49 V for +25
°C. We then calculate the divider resis-
tors, based on those setpoints. The equations used to calculate
the resistors are:
VSETHIGH = (TSETHIGH + 273.15)(5 mV/
°C)
VSETLOW = (TSETLOW + 273.15) (5 mV/
°C)
R1 (k
Ω) = (V
VREF – VSETHIGH)/IVREF =
= (2.5 V – VSETHIGH)/IVREF
R2 (k
Ω) = (V
SETHIGH – VSETLOW)/IVREF
R3 (k
Ω) = V
SETLOW/IVREF
1
2
3
4
8
7
6
5
(V
VREF
– V
SETHIGH
)/I
VREF
= R1
TMP01
(V
SETHIGH
– V
SETLOW
)/I
VREF
= R2
V
SETLOW
/I
VREF
= R3
V
SETHIGH
V
SETLOW
V
VREF
= 2.5V
I
VREF
GND
V+
VPTAT
UNDER
OVER
Figure 3. TMP01 Setpoint Programming
The total R1 + R2 + R3 is equal to the load resistance needed
to draw the desired hysteresis current from the reference, or
IVREF.
The formulas shown above are also helpful in understanding the
calculation of temperature setpoint voltages in circuits other
than the standard two-temperature thermostat. If a setpoint
function is not needed, the appropriate comparator should be
disabled. SETHIGH can be disabled by tying it to V+, SET-
LOW by tying it to GND. Either output can be left unconnected.
218
248
273
298
323
348
373
398
–55
–25 –18
0
25
50
75
100
125
–67
–25
0
32 50
77
100
150
200 212
257
VPTAT
K
°C
°F
1.09
1.24
1.365
1.49
1.615
1.74
1.865
1.99
Figure 4. Temperature—VPTAT Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com