Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet(PDF) 5 Page - Analog Devices

Part # TMP01
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 5 Page - Analog Devices

  TMP01 Datasheet HTML 1Page - Analog Devices TMP01 Datasheet HTML 2Page - Analog Devices TMP01 Datasheet HTML 3Page - Analog Devices TMP01 Datasheet HTML 4Page - Analog Devices TMP01 Datasheet HTML 5Page - Analog Devices TMP01 Datasheet HTML 6Page - Analog Devices TMP01 Datasheet HTML 7Page - Analog Devices TMP01 Datasheet HTML 8Page - Analog Devices TMP01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TMP01
REV. C
–5–
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage . . . . . . . . . . . . . . . . –0.3 V to +15 V
Maximum Input Voltage
(SETHIGH, SETLOW) . . . . . . . . . –0.3 V to [(V+) +0.3 V]
Maximum Output Current (VREF, VPTAT) . . . . . . . . . 2 mA
Maximum Output Current (Open Collector Outputs) . . 50 mA
Maximum Output Voltage (Open Collector Outputs) . . . . 15 V
Operating Temperature Range . . . . . . . . . . . . –55
°C to +150°C
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature Range . . . . . . . . . . . . – 65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
Package Type
θ
JA
θ
JC
Units
8-Pin Plastic DIP (P)
103
1
43
°C/W
8-Lead SOIC (S)
158
2
43
°C/W
8-Lead TO-99 Can (J)
150
1
18
°C/W
NOTES
1
θ
JA is specified for device in socket (worst case conditions).
2
θ
JA is specified for device mounted on PCB.
CAUTION
1. Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this
specification is not implied. Exposure to the above maximum
rating conditions for extended periods may affect device
reliability.
2. Digital inputs and outputs are protected, however, permanent
damage may occur on unprotected units from high energy
electrostatic fields. Keep units in conductive foam or packag-
ing at all times until ready to use. Use proper antistatic han-
dling procedures.
3. Remove power before inserting or removing units from their
sockets.
ORDERING GUIDE
Temperature
Package
Package
Model/Grade
Range
l
Description
Option
TMP01EP
XIND
Plastic DIP
N-8
TMP01FP
XIND
Plastic DIP
N-8
TMP01ES
XIND
SOIC
SO-8
TMP01FS
XIND
SOIC
SO-8
TMP01FJ2
XIND
TO-99 Can
H-08A
TMP01GBC
+25
°C
Die
NOTES
1XIND = –40
°C to +85°C.
2Consult factory for availability of MIL/883 version in TO-99 can.
GENERAL DESCRIPTION
The TMP01 is a very linear voltage-output temperature sensor,
with a window comparator that can be programmed by the user
to activate one of two open-collector outputs when a predeter-
mined temperature setpoint voltage has been exceeded. A low
drift voltage reference is available for setpoint programming.
The temperature sensor is basically a very accurately tempera-
ture compensated, bandgap-type voltage reference with a buff-
ered output voltage proportional to absolute temperature
(VPTAT), accurately trimmed to a scale factor of 5 mV/K. See
the Applications Information following.
The low drift 2.5 V reference output VREF is easily divided ex-
ternally with fixed resistors or potentiometers to accurately es-
tablish the programmed heat/cool setpoints, independent of
temperature. Alternatively, the setpoint voltages can be supplied
by other ground referenced voltage sources such as user-
programmed DACs or controllers. The high and low setpoint
voltages are compared to the temperature sensor voltage, thus
creating a two-temperature thermostat function. In addition,
the total output current of the reference (IVREF) determines the
magnitude of the temperature hysteresis band. The open collec-
tor outputs of the comparators can be used to control a wide va-
riety of devices.
VPTAT
V+
ENABLE
TMP01
VREF
SET
HIGH
SET
LOW
GND
7
8
1
2
3
4
6
HYSTERESIS
CURRENT
CURRENT
MIRROR
I
HYS
VOLTAGE
REFERENCE
AND
SENSOR
1k
Ω
HYSTERESIS
VOLTAGE
5
TEMPERATURE
OUTPUT
WINDOW
COMPARATOR
UNDER
OVER
Figure 1. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com