Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet(PDF) 4 Page - Analog Devices

Part # TMP01
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 4 Page - Analog Devices

  TMP01 Datasheet HTML 1Page - Analog Devices TMP01 Datasheet HTML 2Page - Analog Devices TMP01 Datasheet HTML 3Page - Analog Devices TMP01 Datasheet HTML 4Page - Analog Devices TMP01 Datasheet HTML 5Page - Analog Devices TMP01 Datasheet HTML 6Page - Analog Devices TMP01 Datasheet HTML 7Page - Analog Devices TMP01 Datasheet HTML 8Page - Analog Devices TMP01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TMP01
REV. C
–4–
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUTS SET HIGH, SET LOW
Input Bias Current
IB
100
nA
OUTPUT VPTAT
Temperature Accuracy
TA = +25
°C, No Load
1.5
°C
OUTPUT VREF
Nominal Value
VREF
TA = +25°C, No Load
2.490
2.510
V
Line Regulation
4.5 V
≤ V+ ≤ 13.2 V
±0.05
%/V
Load Regulation
10
µA ≤ I
VREF
≤ 500 µA
±0.25
%/mA
OPEN-COLLECTOR OUTPUTS OVER, UNDER
Output Low Voltage
VOL
ISINK = 1.6 mA
0.4
mV
Output Low Voltage
VOL
ISINK = 20 mA
1.0
V
Output Leakage Current
IOH
100
µA
POWER SUPPLY
Supply Range
V+
4.5
13.2
V
Supply Current
ISY
Unloaded
600
µA
NOTES
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
DICE CHARACTERISTICS
Die Size 0.078
× 0.071 inch, 5,538 sq. mils
(1.98
× 1.80 mm, 3.57 sq. mm)
Transistor Count: 105
For additional DICE ordering information, refer to databook.
8
7
6
5
1
2
3
4
4
1. VREF
2. SETHIGH
3. SETLOW
4. GND (TWO PLACES)
(CONNECTED TO SUBSTRATE)
5. VPTAT
6. UNDER
7. OVER
8. V+
(VDD = +5.0 V, GND = 0 V, TA = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com