Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet(PDF) 2 Page - Analog Devices

Part # TMP01
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 2 Page - Analog Devices

  TMP01 Datasheet HTML 1Page - Analog Devices TMP01 Datasheet HTML 2Page - Analog Devices TMP01 Datasheet HTML 3Page - Analog Devices TMP01 Datasheet HTML 4Page - Analog Devices TMP01 Datasheet HTML 5Page - Analog Devices TMP01 Datasheet HTML 6Page - Analog Devices TMP01 Datasheet HTML 7Page - Analog Devices TMP01 Datasheet HTML 8Page - Analog Devices TMP01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TMP01EP/FP, TMP01ES/FS–SPECIFICATIONS
REV. C
–2–
Plastic DIP and Surface Mount Packages
(V+ = +5 V, GND = O V, –40 C
≤ T
A
≤ +85 C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUTS SET HIGH, SET LOW
Offset Voltage
VOS
0.25
mV
Offset Voltage Drift
TCVOS
3
µV/°C
Input Bias Current, “E”
IB
25
50
nA
Input Bias Current, “F”
IB
25
100
nA
OUTPUT VPTAT1
Output Voltage
VPTAT
TA = +25
°C, No Load
1.49
V
Scale Factor
TCVPTAT
5
mV/K
Temperature Accuracy, “E”
TA = +25
°C, No Load
–1.5
±0.5
1.5
°C
Temperature Accuracy, “F”
TA = +25°C, No Load
–3
±1.0
3
°C
Temperature Accuracy, “E”
10
°C < T
A < 40
°C, No Load
±0.75
°C
Temperature Accuracy, “F”
10
°C < T
A < 40°C, No Load
±1.5
°C
Temperature Accuracy, “E”
–40
°C < T
A < 85
°C, No Load
–3.0
±1
3.0
°C
Temperature Accuracy, “F”
–40
°C < T
A < 85°C, No Load
–5.0
±2
5.0
°C
Temperature Accuracy, “E”
–55
°C < T
A < 125
°C, No Load
±1.5
°C
Temperature Accuracy, “F”
–55
°C < T
A < 125°C, No Load
±2.5
°C
Repeatability Error
∆VPTAT
Note 4
0.25
Degree
Long Term Drift Error
Notes 2 and 6
0.25
0.5
Degree
Power Supply Rejection Ratio
PSRR
TA = +25
°C, 4.5 V ≤ V+ ≤ 13.2 V
±0.02
±0.1
%/V
OUTPUT VREF
Output Voltage, “E”
VREF
TA = +25
°C, No Load
2.495
2.500
2.505
V
Output Voltage, “F”
VREF
TA = +25°C, No Load
2.490
2.500
2.510
V
Output Voltage, “E”
VREF
–40
°C < T
A < 85
°C, No Load
2.490
2.500
2.510
V
Output Voltage, “F”
VREF
–40
°C < T
A < 85°C, No Load
2.485
2.500
2.515
V
Output Voltage, “E”
VREF
–55
°C < T
A < 125
°C, No Load
2.5
± 0.01
V
Output Voltage, “F”
VREF
–55
°C < T
A < 125°C, No Load
2.5
± 0.015
V
Drift
TCVREF
–10
ppm/
°C
Line Regulation
4.5 V
≤ V+ ≤ 13.2 V
±0.01
±0.05
%/V
Load Regulation
10
µA ≤ I
VREF
≤ 500 µA
±0.1
±0.25
%/mA
Output Current, Zero Hysteresis
IVREF
7
µA
Hysteresis Current Scale Factor
SFHYS
(Note 1)
5.0
µA/°C
Turn-On Settling Time
To Rated Accuracy
25
µs
OPEN-COLLECTOR OUTPUTS OVER, UNDER
Output Low Voltage
VOL
ISINK = 1.6 mA
0.25
0.4
V
Output Low Voltage
VOL
ISINK = 20 mA
0.6
V
Output Leakage Current
IOH
V+ = 12 V
1
100
µA
Fall Time
tHL
See Test Load
40
ns
POWER SUPPLY
Supply Range
V+
4.5
13.2
V
Supply Current
ISY
Unloaded, +V = 5 V
400
500
µA
Supply Current
ISY
Unloaded, +V = 13.2 V
450
800
µA
Power Dissipation
PDISS
+V = 5 V
2.0
2.5
mW
NOTES
1K =
°C + 273.15.
2Guaranteed but not tested.
3Does not consider errors caused by heating due to dissipation of output load currents.
4Maximum deviation between +25
°C readings after temperature cycling between –55°C and +125°C.
5Typical values indicate performance measured at T
A = +25°C.
6Observed in a group sample over an accelerated life test of 500 hours at 150
°C.
Specifications subject to change without notice.
Test Load
20pF
1k
Ω
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com