Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01 Datasheet(PDF) 14 Page - Analog Devices

Part # TMP01
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 14 Page - Analog Devices

Back Button TMP01 Datasheet HTML 8Page - Analog Devices TMP01 Datasheet HTML 9Page - Analog Devices TMP01 Datasheet HTML 10Page - Analog Devices TMP01 Datasheet HTML 11Page - Analog Devices TMP01 Datasheet HTML 12Page - Analog Devices TMP01 Datasheet HTML 13Page - Analog Devices TMP01 Datasheet HTML 14Page - Analog Devices TMP01 Datasheet HTML 15Page - Analog Devices TMP01 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TMP01
REV. C
–14–
Figure 21. Isolation Amplifier
Isolation Amplifier
In many industrial applications the sensor is located in an envi-
ronment that needs to be electrically isolated from the central
processing area. Figure 21 shows a simple circuit that uses an
8-pin optoisolator (IL300XC) that can operate across a 5,000 V
barrier. IC1 (an OP290 single-supply amplifier) is used to drive
the LED connected between Pins 1 to 2. The feedback actually
comes from the photodiode connected from Pins 3 to 4. The
OP290 drives the LED such that there is enough current gener-
ated in the photodiode to exactly equal the current derived from
the VPTAT voltage across the 470 k
Ω resistor. On the receiving
end, an OP90 converts the current from the second photodiode
to a voltage through its feedback resistor R2. Note that the other
amplifier in the dual OP290 is used to buffer the 2.5 V reference
voltage of the TMP01 for an accurate, low drift LED bias level
without affecting the programmed hysteresis current. A REF43
(a precision 2.5 V reference) provides an accurate bias level at
the receiving end.
To understand this circuit, it helps to examine the overall equa-
tion for the output voltage. First, the current (I1) in the photo-
diode is set by:
I
1 =
2.5 V – VPTAT
470 k
Ω
Note that the IL300XC has a gain of 0.73 (typical) with a min
and max of 0.693 and 0.769 respectively. Since this is less than
1.0, R2 must be larger than R1 to achieve overall unity gain. To
show this the full equation is:
VOUT = 2. 5 V – I2R2 = 2. 5 V –0. 7
2. 5 V – VPTAT
470 k
Ω


644 k
Ω= VPTAT
A trim is included for R2 to correct for the initial gain accuracy
of the IL300XC. To perform this trim, simply adjust for an out-
put voltage equal to VPTAT at any particular temperature. For
example, at room temperature, VPTAT = 1.49 V, so adjust R2
until VOUT = 1.49 V as well. Both the REF43 and the OP90
operate from a single supply, and contribute no significant error
due to drift.
In order to avoid the accuracy trim, and to reduce board space,
complete isolation amplifiers are available, such as the high
accuracy AD202.
Out-of-Range Warning
By connecting the two open collector outputs of the TMP01
together into a “wired-OR” configuration, a temperature “out-
of-range” warning signal is generated. This can be useful in sen-
sitive equipment calibrated to work over a limited temperature
range. R1, R2, and R3 in Figure 22 are chosen to give a tem-
perature range of 10
°C around room temperature (25°C). Thus,
if the temperature in the equipment falls below +15
°C or rises
above +35
°C, the Undertemp Output or Overtemp Output re-
spectively will go low and turn the LED on. The LED may be
replaced with a simple pull-up resistor to give a logic output for
controlling the instrument, or any of the switching devices dis-
cussed above can be used.
LED
VPTAT
V+
R1
47.5k
Ω
R2
4.99k
Ω
R3
71.5k
Ω
200
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
Figure 22. Out-of-Range Warning
IN4148
I
1
I
2
6
5
3
4
1
2
2.5V
V+
REF43
4
6
2
1.16V TO 1.7V
ISOLATION
BARRIER
OP290
V+
V+
R1
R2
R3
100
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
7
6
4
3
2
OP290
680pF
R1
470k
Ω
V+
7
6
4
3
2
OP90
604k
Ω
100k
Ω
IL300XC
680pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com