Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet (PDF) - AMIC Technology

AP130 Datasheet PDF - AMIC Technology
Part # AP130
Download  AP130 Download
File Size   92.27 Kbytes
Page   8 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1W Per Channel Stereo Class-D Audio Power Amplifier

AP130 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP130 Datasheet PDF - AMIC Technology

Part # AP130
Download  AP130 Click to download

File Size   92.27 Kbytes
Page   8 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1W Per Channel Stereo Class-D Audio Power Amplifier

AP130 Datasheet (HTML) - AMIC Technology


AP130 Product details

General Description
The AP130 is an oversampling class-D power amplifier for stereo audio applications. It provides high power-efficiency for filterless 8-ohm load. Build-in depop, mute and gain control features simplify the applications.

Features
■ 1 watt per channel with 8-ohm load
■ Max. efficiency » 80% with 8-ohm load at 5 volts
■ Filterless
■ Digital gain control
■ Build-in depop circuitry
■ Error protection for short circuit and over-temperature
■ Mute (shutdown) current < 1µA typical
■ Low operating current (4mA at 5 volts without load)
■ TSSOP 24L package available




Similar Part No. - AP130

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
More results


Similar Description - AP130

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
2.8W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com