Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 8 Page - AMIC Technology

Part # AP130
Description  1W Per Channel Stereo Class-D Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP130 Datasheet(HTML) 8 Page - AMIC Technology

  AP130 Datasheet HTML 1Page - AMIC Technology AP130 Datasheet HTML 2Page - AMIC Technology AP130 Datasheet HTML 3Page - AMIC Technology AP130 Datasheet HTML 4Page - AMIC Technology AP130 Datasheet HTML 5Page - AMIC Technology AP130 Datasheet HTML 6Page - AMIC Technology AP130 Datasheet HTML 7Page - AMIC Technology AP130 Datasheet HTML 8Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AP130
PRELIMINARY
(November, 2001, Version 0.1)
7
AMIC Technology, Inc
Package Information
TSSOP 24L (4.40mm BODY) Outline Dimensions
unit: inches/mm
e
Detail "A"
b
L1
L
θ11
1.0
SEATING PLANE
Dtail "A"
0.076MM
D
GAUGE PLANE
θ33
θ22
R1
R
0.20
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.043
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.031
0.035
0.041
0.80
0.90
1.05
L
0.020
0.024
0.030
0.50
0.60
0.75
L1
0.039 REF
1.0 REF
D
0.303
0.307
0.311
7.70
7.80
7.90
E
0.252 BSC
6.40 BSC
E1
0.169
0.173
0.177
4.30
4.40
4.50
R
0.004
-
-
0.09
-
-
R1
0.004
-
-
0.09
-
-
b
0.007
-
0.012
0.19
-
0.30
c
0.004
-
0.008
0.09
-
0.20
e
0.026 BSC
0.65 BSC
θ1
0
°
-
8
°
0
°
-
8
°
θ2
12 REF
12 REF
θ3
12 REF
12 REF
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com