Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 5 Page - AMIC Technology

Part # AP130
Description  1W Per Channel Stereo Class-D Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP130 Datasheet(HTML) 5 Page - AMIC Technology

  AP130 Datasheet HTML 1Page - AMIC Technology AP130 Datasheet HTML 2Page - AMIC Technology AP130 Datasheet HTML 3Page - AMIC Technology AP130 Datasheet HTML 4Page - AMIC Technology AP130 Datasheet HTML 5Page - AMIC Technology AP130 Datasheet HTML 6Page - AMIC Technology AP130 Datasheet HTML 7Page - AMIC Technology AP130 Datasheet HTML 8Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP130
PRELIMINARY
(November, 2001, Version 0.1)
4
AMIC Technology, Inc
Recommended Operating Conditions
Min.
Max.
Unit
Supply voltage, VDD, PVDD
2.7
5.5
V
High-level input voltage, VIH
G0, G1, SDB
2
V
Low-level input voltage, VIL
G0, G1, SDB
0.8
V
Operating free-air temperature, TA
-40
85
°C
Ramp
200
400
kHz
Electrical Characteristics, TA=25
°°C, VDD=PVDD=5V (unless otherwise noted)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOO
Output offset voltage
VI = 0V
10
mV
PSRR
Power supply rejection ratio
VDD = PVDD = 2.7V to 5.5V
-77
dB
IIH
High-level input current
VDD = PVDD = 5.5V, VI = VDD =PVDD
1
µA
IIL
Low-level input current
VDD = PVDD = 5.5V, VI = 0V
-1
µA
IDD
Supply current
VDD = PVDD = 5.5V
4
6
mA
IDD(SD)
Supply current (shutdown)
1
µA
Operating Characteristics, TA=25
°°C, VDD=PVDD=5V, RL=8Ω
Ω, Gain=8dB
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PO
Output power
THD = 0.4%, f = 1kHz, RL = 8
Ω
1
W
THD+N
Total harmonic distortion plus noise
PO = 0.5W, f = 20Hz to 20kHz
<0.2%
BOM
Maximum output power bandwidth
THD = 5%
20
kHz
KSVR
Supply ripple rejection ratio
f = 1kHz C(VREF) = 0.4
µF
-60
dB
SNR
Signal-to-noise ratio
20Hz to 20kHz
87
dBV
ZI
Input impedance
20
k
Ω
Gain Settings
AMPLIFIER GAIN
(dB)
INPUT IMPEDANCE
(k
Ω
Ω)
GAIN0
GAIN1
Typ.
Typ.
0
0
8
20
0
1
12
20
1
0
17.5
20
1
1
23.5
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com