Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 6 Page - AMIC Technology

Part # AP130
Description  1W Per Channel Stereo Class-D Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP130 Datasheet(HTML) 6 Page - AMIC Technology

  AP130 Datasheet HTML 1Page - AMIC Technology AP130 Datasheet HTML 2Page - AMIC Technology AP130 Datasheet HTML 3Page - AMIC Technology AP130 Datasheet HTML 4Page - AMIC Technology AP130 Datasheet HTML 5Page - AMIC Technology AP130 Datasheet HTML 6Page - AMIC Technology AP130 Datasheet HTML 7Page - AMIC Technology AP130 Datasheet HTML 8Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP130
PRELIMINARY
(November, 2001, Version 0.1)
5
AMIC Technology, Inc
Application Circuits
AP130
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PGND
OUTN1
G0
PVDD
INN1
AGND
OSC
INN2
PVDD
SDB
OUTN2
PGND
PGND
OUTP1
VREF
PVDD
INP1
VDD
ERR
INP2
PVDD
G1
OUTP2
PGND
GND
OUTN1
OUTP1
100pF
0.1uF
10uF
0.1uF
10uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
120K
220pF
0.1uF
INP1
VDD
INP2
G1
120K
0.1uF
120K
S1
GND
OUTP2
OUTN2
VDD
INN2
AGND
INN1
G0
PVDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com