Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 4 Page - AMIC Technology

Part # AP130
Description  1W Per Channel Stereo Class-D Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP130 Datasheet(HTML) 4 Page - AMIC Technology

  AP130 Datasheet HTML 1Page - AMIC Technology AP130 Datasheet HTML 2Page - AMIC Technology AP130 Datasheet HTML 3Page - AMIC Technology AP130 Datasheet HTML 4Page - AMIC Technology AP130 Datasheet HTML 5Page - AMIC Technology AP130 Datasheet HTML 6Page - AMIC Technology AP130 Datasheet HTML 7Page - AMIC Technology AP130 Datasheet HTML 8Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP130
PRELIMINARY
(November, 2001, Version 0.1)
3
AMIC Technology, Inc
Pin Function
Pin No.
Signal Name
I/O
Function Description
6
AGND
PWR
Ground for Analog circuitry
22
VREF
I/O
Internal voltage reference
7
OSC
I/O
A 220pF capacitor connected to this pin sets the ramp frequency to
≈ 3µs
3
G0
I
Bit 0 of gain control
15
G1
I
Bit 1 of gain control
5
INN1
I
Channel 1 negative differential input
20
INP1
I
Channel 1 positive differential input
2
OUTN1
O
Channel 1 negative output
23
OUTP1
O
Channel 1 positive output
1, 12
13, 24
PGND
PWR
Ground for noisy signals
4, 9
16, 21
PVDD
PWR
Power supply for noisy signals
8
INN2
I
Channel 2 negative differential input
17
INP2
I
Channel 2 positive differential input
18
ERR
O
A high output at ERR indicates over-temperature, short circuit or depop in effect
11
OUTN2
O
Channel 2 negative output
14
OUTP2
O
Channel 2 positive output
10
SDB
I
Logic low to shutdown the amplifiers; Logic high to enable normal operation of the
amplifiers
19
VDD
PWR
Power supply for analog circuitry
Absolute Maximum Ratings Over Operating Free-air Temperature
Supply Voltage, VDD, PVDD …………………………………………………………………………………………………. -0.3V to 6V
Input Voltage ……………………………………………………………………………………………………… -0.3V to VDD + 0.3V
Operating Free-air Temperature Range ………………………………………………………………………………. -40
°C to 85°C
Operating Junction Temperature Range …………………………………………………………………………….. -40
°C to 150°C
Storage Temperature Range ………………………………………………………………………………………….. -65
°C to 150°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com