Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 2 Page - AMIC Technology

Part # AP130
Description  1W Per Channel Stereo Class-D Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP130 Datasheet(HTML) 2 Page - AMIC Technology

  AP130 Datasheet HTML 1Page - AMIC Technology AP130 Datasheet HTML 2Page - AMIC Technology AP130 Datasheet HTML 3Page - AMIC Technology AP130 Datasheet HTML 4Page - AMIC Technology AP130 Datasheet HTML 5Page - AMIC Technology AP130 Datasheet HTML 6Page - AMIC Technology AP130 Datasheet HTML 7Page - AMIC Technology AP130 Datasheet HTML 8Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP130
Preliminary
1W Per Channel Stereo Class-D Audio Power Amplifier
PRELIMINARY
(November, 2001, Version 0.1)
1
AMIC Technology, Inc
Features
n 1 watt per channel with 8-ohm load
n Max. efficiency
≈ 80% with 8-ohm load at 5 volts
n Filterless
n Digital gain control
n Build-in depop circuitry
n Error protection for short circuit and over-temperature
n Mute (shutdown) current < 1µA typical
n Low operating current (4mA at 5 volts without load)
n TSSOP 24L package available
General Description
The AP130 is an oversampling class-D power amplifier for
stereo audio applications. It provides high power-efficiency
for filterless 8-ohm load. Build-in depop, mute and gain
control features simplify the applications.
BTL (Bridge-Tied-Load) configuration delivers up to 1 watt
into 8-ohm load per channel at 5-V supply voltage. It
allows direct coupling of the power signal. Reliability is
improved through over-temperature and short circuit
protections.
The class-D power amplifier enables high efficiency
applications for portable devices.
Pin Configurations
n TSSOP
OUTP1
PGND
VREF
AP130X
1
9
24
16
PGND
OUTN1
2
3
4
5
6
7
8
10
11
12
G0
PVDD
INN2
PVDD
OUTN2
PGND
23
22
21
20
19
18
17
15
14
13
PVDD
INP1
VDD
ERR
INP2
OSC
INN1
AGND
G1
OUTP2
PGND
SDB
PVDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com