Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130 Datasheet(PDF) 1 Page - AMIC Technology

Part # AP130
Description  1W Per Channel Stereo Class-D Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP130 Datasheet(HTML) 1 Page - AMIC Technology

  AP130 Datasheet HTML 1Page - AMIC Technology AP130 Datasheet HTML 2Page - AMIC Technology AP130 Datasheet HTML 3Page - AMIC Technology AP130 Datasheet HTML 4Page - AMIC Technology AP130 Datasheet HTML 5Page - AMIC Technology AP130 Datasheet HTML 6Page - AMIC Technology AP130 Datasheet HTML 7Page - AMIC Technology AP130 Datasheet HTML 8Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP130
Preliminary
1W Per Channel Stereo Class-D Audio Power Amplifier
PRELIMINARY
(November, 2001, Version 0.1)
AMIC Technology, Inc.
Document Title
1W Per Channel Stereo Class-D Audio Power Amplifier
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
October 8, 2001
Preliminary
0.1
Add Application Circuits and Important Notice
November 7, 2001
Change document title from “2 Channel 1W Stereo
Class-D Audio Power Amplifier” to “1W Per Channel
Stereo Class-D Audio Power Amplifier”
Important Notice:
AMIC reserves the right to make changes to its products or to discontinue any integrated circuit product or
service without notice. AMIC integrated circuit products are not designed, intended, authorized, or warranted to
be suitable for use in life-support applications, devices or systems or other critical applications. Use of AMIC
products in such applications is understood to be fully at the risk of the customer.


Similar Part No. - AP130

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130 DIODES-AP130 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
More results

Similar Description - AP130

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
2.8W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com