Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet (PDF) - ON Semiconductor

CS5124 Datasheet PDF - ON Semiconductor
Part # CS5124
Download  CS5124 Download
File Size   174.05 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PWM Controllers

CS5124 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5124 Datasheet PDF - ON Semiconductor

Part # CS5124
Download  CS5124 Click to download

File Size   174.05 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PWM Controllers

CS5124 Datasheet (HTML) - ON Semiconductor


CS5124 Product details

High Performance, Integrated Current Mode PWM Controllers

The CS5124/6 is a fixed frequency current mode controller designed specifically for DC–DC converters found in the telecommunications industry. The CS5124/6 integrates many commonly required current mode power supply features and allows the power supply designer to realize substantial cost and board space savings. The product matrix is as follows:
CS5124: 400 kHz w/VBIAS Pin, 195 mV first current sense threshold.
CS5126: 200 kHz w/SYNC Pin, 335 mV first current sense threshold.

The CS5124/6 integrates the following features: Internal Oscillator, Slope Compensation, Sleep On/Off, Undervoltage Lock Out, Thermal Shutdown, Soft Start Timer, Low Voltage Current Sense for Resistive Sensing, Second Current Threshold for Pulse by Pulse Over Current Protection, a Direct Optocoupler Interface and Leading Edge Current Blanking.
The CS5124/6 has supply range of 7.7 V to 20 V and is available in 8 pin SO narrow package.

Features
• Line UVLO Monitoring
• Low Current Sense Voltage for Resistive Current Sensing
• External Synchronization to Higher or Lower Frequency Oscillator (CS5126 Only)
• Bias for Start Up Circuitry (CS5124 Only)
• Thermal Shutdown
• Sleep On/Off Pin
• Soft Start Timer
• Leading Edge Blanking
• Direct Optocoupler Interface
• 90 ns Propagation Delay
• 35 ns Driver Rise and Fall Times
• Sleep Mode




Similar Part No. - CS5124

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
logo
ON Semiconductor
CS5124 ONSEMI-CS5124 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5124XD8 CHERRY-CS5124XD8 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
CS5124XDR8 CHERRY-CS5124XDR8 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
More results


Similar Description - CS5124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
BICMOS PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
Current-Fed PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com