Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor CS5124 Datasheet HTML 10Page - ON Semiconductor CS5124 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CS5124
http://onsemi.com
9
converter. If the second current sense threshold is tripped,
the converter will shut off and restart in Soft−Start mode
until the high current condition is removed. The dead time
after a second threshold overcurrent condition will primarily
be determined by the time required to charge the Soft−Start
cap from 0.275 V nominal to 1.32 V.
The second threshold will only be reached when a high
dv/dt is present at the current sense pin. The signal must be
fast enough to reach the second threshold before the first
threshold turns off the driver. This will normally happen if
the forward inductor saturates or when there is a shorted
load.
Excessive filtering of the current sense signal, a low value
current sense resistor, or even an inductor that does not
saturate during heavy output currents can prevent the second
threshold from being reached. In this case the first current
sense threshold will trip during each cycle of high output
current conditions. The first threshold will limit output
current but some components, especially the output rectifier,
can overheat due to higher than normal average output
current.
Slope Compensation
Current mode converters operating at duty cycles in
excess of 50% require an artificial ramp to be added to the
current waveform or subtracted from the feedback
waveform. For the current loop to be stable the artificial
ramp must be equivalent to at least 50% of the inductor
current down slope and is typically chosen between 75% to
100% of the inductor down current down slope.
To choose an inductor value such that the internal slope
compensation ramp will be equal to a certain fraction of the
inductor down current slope use the Formula (4).
1
Internal Ramp
(VOUT ) VRECTIFIER)
NSECONDARY
NPRIMARY
RSENSE
Slope Value Factor + Inductor Value(H)
(4)
Calculating the nominal inductor value for an artificial
ramp equivalent to 100% of the current inductor down slope
at CS5124 nominal conditions, a 5.0 V output, a 200 m
W
current sense resistor and a 4:1 transformer ratio yields
1
20 mV ms
(5.0 V ) 0.3 V)
1
4
0.2 W
1.0 + 13.2 mH
(5)
To check that the slope compensation ramp will be greater
than 50% of the inductor down under all conditions,
substitute the minimum internal slope compensation value
and use 0.5 for the slope compensation value. Then check
that the actual inductor value will always be greater than the
inductor value calculated.
Powering the CS5124 from a Transformer Winding
There are numerous ways to power the CS5124 from a
transformer winding to enable the converter to be operated
at high efficiency over a wide input range.
The CS5124 application circuit in Figure 1 is a flyback
converter that uses a second flyback winding to power VCC.
R4 improves VCC regulation with load changes by snubbing
the turn off spike. Once the turn off spike has subsided the
voltage of this winding is voltage proportional to the voltage
on the main flyback winding. This voltage is regulated
because the main winding is clamped by the regulated output
voltage.
A flyback winding from a forward transformer can also be
used to power VCC. Ideally the transformer volt−second
product of a forward converter would be constant over the
range of line voltages and load currents; and the transformer
inductance could be chosen to store the required level of
energy during each cycle to power VCC. Even though the
flyback energy is not directly regulated it would remain
constant. Unfortunately in a real converter there are many
nonideal effects that degrade regulation. Transformer
inductance varies, converter frequency varies, energy stored
in primary leakage inductance varies with output current,
stray transformer capacitances and various parasitics all
effect the level of energy available for VCC. If too little
energy is provided to VCC, the bootstrapping circuit must
provide power and efficiency will be reduced. If too much
energy is provided VCC rises and may damage the controller.
If this approach is taken the circuit must be carefully
designed and component values must be controlled for good
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com