Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor CS5124 Datasheet HTML 10Page - ON Semiconductor CS5124 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CS5124
http://onsemi.com
7
the Soft−Start error amp is clamped at 2.9 V. During fault
conditions the Soft−Start capacitor is discharged at 10 mA.
Fault Conditions
The CS5124 recognizes the following faults: UVLO off,
Thermal Shutdown, VREF(OK), and Second Current
Threshold. Once a fault is recognized, fault latch F2 is set
and the IC immediately shuts down the output driver and
discharges the Soft−Start capacitor. Soft−Start will begin
only after all faults have been removed and the Soft−Start
capacitor has been discharged to less than 0.275 V. Each
fault will be explained in the following sections.
Under Voltage Lockout (UVLO)
The UVLO pin is tied to typically the midpoint of a
resistive divider between VIN and GROUND. During a start
up sequence, this pin must be above 2.6 V in order for the IC
to begin normal operation. If the IC is running and this pin
is pulled below 1.8 V, F2 shuts down the output driver and
discharges the Soft−Start capacitor in order to insure proper
startup. If the UVLO pin is pulled high again before the
Soft−Start capacitor discharges, the IC will complete the
Soft−Start discharge and, if no other faults are present, will
immediately restart the power supply. If the UVLO pin stays
low, then it will enter either the low current sleep mode or the
UVLO state depending on the level of the UVLO pin.
Thermal Shutdown
If the IC junction temperature exceeds approximately
150
°C the thermal shutdown circuit sets F2, which shuts
down the output driver and discharges the Soft−Start
capacitor. If no other faults are present the IC will initiate
Soft−Start when the IC junction temperature has been
reduced by 25
°C.
VREF(OK)
VREF(OK) is an internal monitor that insures the internal
regulator is running before any switching occurs. This
function does not trip the fault comparator like the other fault
functions. To insure that Soft−Start will occur at low line
conditions the UVLO divider should be set up so that the
VCC UVLO comparator turns on before the LINE UVLO
comparator.
Second Threshold Comparator
Since the maximum dynamic range of the ISENSE signal
in normal operation is 195 mV, any voltage exceeding this
threshold on the ISENSE pin is considered a fault and the
PWM cycle is terminated. The 2nd ICOMP compares the
ISENSE signal with a 275 mV threshold. If the ISENSE
voltage exceeds the second threshold, F2 is set, the driver
turns off, and the Soft−Start capacitor discharges. After the
Soft−Start capacitor has discharged to less than 0.275 V
Soft−Start will begin. If the fault condition has been
removed the supply will operate normally. If the fault
remains the supply will operate in hiccup mode until the
fault condition is removed.
VFB Comparator
The VFB comparator detects when the output voltage is
too high. When the regulated output voltage is too high, the
feedback loop will drive VFB low. If VFB is less than 0.49 V
the output of the VFB comparator will go high and shut the
output driver off.
Oscillator
The internally trimmed, 400 kHz provides the slope
compensation ramp as well as the pulse for enabling the
output driver.
PWM Comparator and Slope Compensation
The CS5124 provides a fixed internal slope compensation
ramp that is subtracted from the feedback signal. The PWM
comparator compares peak primary current to a portion of
the difference of the feedback voltage and slope
compensation ramp. The 170 mV/
ms slope compensation
ramp is subtracted from the voltage feedback signal
internally. The difference signal is then divided by ten before
the PWM comparator to provide high noise rejection with a
low voltage across the current sense network. The effective
ramp is 21 mV/
ms. A 60 mV nominal offset on the positive
input to the PWM comparator allows for operation with the
ISENSE pin at, or even slightly below GND.
A 4.3 k
W pull−up resistor internally connected to a 5.0 V
nominal reference provides the bias current to for an
optocoupler connection to the VFB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com