Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5124 Datasheet HTML 2Page - ON Semiconductor CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor CS5124 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CS5124
http://onsemi.com
6
+
+
+
+
+
+
+
+
VCC UVLO COMP
VREF = 5.0 V
OSC
DIS
RAMP
V5REF
V5REF
VREFOK
GND
ISENSE
VFB
GATE
VCC
UVLO
BIAS
SS
S
R
Q
F3
V5REF
V5REF
VCC
LINE AMP
2.0 V
V
V
V
V
V
V
V
V
V 1.91 V/1.83 V
2.62 V/2.45 V
TSHUT
7.7 V/7.275 V
G2
G6
V
÷
490 mV
10 mA
F2
S
R
Q
L
INE UVLO COMP
REMOTE
(SLEEP) COMP
150°C/125°C
SS AMP
BLANKING
1000 W
DRIVER
G7
G1
G3
S
R
Q
F1
BLANK
ICOMP
2ND
SET DOMAIN
RESET DOMAIN
170 mV/ms
+
+
+
VCC
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
4500 W
1.32 V
2.90 V
SS COMP
Soft−Start LATCH
PWM COMP
VFB COMP
60 mV
ENABLE
G5
275 mV
275 mV
1/10
V
2.9 R
R
Figure 2. Block Diagram
THEORY OF OPERATION
Powering the IC
VCC can be powered directly from a regulated supply and
requires 500
mA of startup current. The CS5124 includes a
line bias pin (BIAS) that can be used to control a series pass
transistor for operation over a wide input voltage. The BIAS
pin will control the gate voltage of an N−channel MOSFET
placed between VIN and VCC to regulate VCC at 8.0 V.
VCC and UVLO Pins
The UVLO pin has three different modes; low power
shutdown, Line UVLO, and normal operation. To illustrate
how the UVLO pin works; assume that VIN, as shown in the
application schematic, is ramped up starting at 0 V with the
UVLO pin open. The SS and ISENSE pins also start at 0 V.
While the UVLO is below 1.8 V, the IC will remain in a low
current sleep mode and the BIAS pin of the CS5124 is
internally clamped to a maximum of 15 V. When the voltage
on the UVLO pin rises to between 1.8 V and 2.6 V the
reference for the VCC UVLO is enabled and VCC is
regulated to 8.0 V by the BIAS pin, but the IC remains in a
UVLO state and the output driver does not switch. When the
UVLO pin exceeds 2.6 V and the VCC pin exceeds 7.7 V, the
GATE pin is released from a low state and can begin
switching based on the comparison of the ISENSE and VFB
pins. The Soft−Start capacitor begins charging from 0 V at
10
mA. As the capacitor charges, a buffered version of the
capacitor voltage appears on the VFB pin and the VFB
voltage begins to rise. As VFB rises the duty cycle increases
until the supply comes into regulation.
Soft−Start
Soft−Start is accomplished by clamping the VFB pin 1.32 V
below the SS pin during normal start up and during restart
after a fault condition. When the CS5124 starts, the
Soft−Start capacitor is charged from a 10
mA source from 0
V to 4.9 V. The VFB pin follows the Soft−Start pin offset
by −1.32 V until the supply comes into regulation or until



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com