Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5124 Datasheet HTML 1Page - ON Semiconductor CS5124 Datasheet HTML 2Page - ON Semiconductor CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS5124
http://onsemi.com
2
Figure 1. Application Diagram
VFB
5VOUT
36−75VIN
VCC
GND
CS5124
MBRD360CT
10 W
0.39 W
1000 pF
0.1 mF
1.5 mF
C8
1000 pF
10 mH
GATE
IS
BIAS
UVLO
SS
10 k
C7
C3
C2
C1
0.1 mF
0.022 mF
L1
R8
C6
0.01 mF
R9
C5
R3
R7
1.0 k
30.1 k
ENABLE
C9
Q2
IRFR220
T1
C4
D1
D4
R5
R2
R1
Q1
ZVN3310A
CTX15−14514
48VRTN
ISOLATED
RTN
47 mF
U2
TPS5908
R4
100 V
100 V
17.4 k
200 k
510 k
10 V
47 W
R6
BAS16LT1
0.47 mF
25 V
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
−40 to 135
°C
Storage Temperature Range, TS
−40 to 150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
VCC Power Input
VCC
20 V
−0.3 V
1.0 mA
1.5 A Peak
200 mA DC
VCC Clamp Output
VBIAS
20 V
−0.3 V
1.0 mA
1.0 mA
UVLO Shutdown Input
UVLO
6.0 V
−0.3 V
1.0 mA
1.0 mA
Soft−Start Capacitor Input
SS
6.0 V
−0.3 V
1.0 mA
2.0 mA
Voltage Feedback Input
VFB
6.0 V
−0.3 V
3.0 mA
20 mA
Current Sense Input
ISENSE
6.0 V
−0.3 V
1.0 mA
1.0 mA
Ground
GROUND
0 V
0 V
1.5 A peak
200 mA DC
1.0 mA
Gate Drive Output
GATE
20 V
−0.3 V
1.5 A peak
200 mA DC
1.5 A peak
200 mA DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com