Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5124 Datasheet HTML 1Page - ON Semiconductor CS5124 Datasheet HTML 2Page - ON Semiconductor CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 7
1
Publication Order Number:
CS5124/D
CS5124
High Performance,
Integrated Current Mode
PWM Controllers
The CS5124 is a fixed frequency current mode controller designed
specifically for DC−DC converters found in the telecommunications
industry. The CS5124 integrates many commonly required current
mode power supply features and allows the power supply designer to
realize substantial cost and board space savings.
The CS5124 integrates the following features: Internal Oscillator,
Slope Compensation, Sleep On/Off, Undervoltage Lock Out, Thermal
Shutdown, Soft−Start Timer, Low Voltage Current Sense for Resistive
Sensing, Second Current Threshold for Pulse−by−Pulse overcurrent
Protection, a Direct Optocoupler Interface and Leading Edge Current
Blanking.
The CS5124 has supply range of 7.7 V to 20 V and is available in 8
pin SOIC narrow package.
Features
400 kHz Oscillating Frequency
Line UVLO Monitoring
Low Current Sense Voltage for Resistive Current Sensing
Bias for Startup Circuitry
Thermal Shutdown
Sleep On/Off Pin
Soft−Start Timer
Leading Edge Blanking
Direct Optocoupler Interface
90 ns Propagation Delay
35 ns Driver Rise and Fall Times
Sleep Mode
Pb−Free Packages are Available
CS5124XDR8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
CS5124XD8
SOIC−8
95 Units/Rail
SOIC−8
2500 Tape & Reel
SOIC−8
D SUFFIX
CASE 751
VFB
SS
1
8
ISENSE
UVLO
GATE
BIAS
GND
VCC
PIN CONNECTIONS AND
MARKING DIAGRAM
CS5124XDR8G
SOIC−8
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1
8
CS5124XD8G
SOIC−8
(Pb−Free)
95 Units/Rail


Similar Part No. - CS5124

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
logo
ON Semiconductor
CS5124 ONSEMI-CS5124 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5124XD8 CHERRY-CS5124XD8 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
CS5124XDR8 CHERRY-CS5124XDR8 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
More results

Similar Description - CS5124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
BICMOS PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
Current-Fed PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com