Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5124 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5124 Datasheet HTML 1Page - ON Semiconductor CS5124 Datasheet HTML 2Page - ON Semiconductor CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CS5124
http://onsemi.com
5
PACKAGE PIN DESCRIPTION
PIN #
Pin
Description
1
VCC
VCC Power Input Pin.
2
BIAS
VCC Clamp Output Pin. This pin will control the gate of an N−channel MOSFET that in turn regulates Vcc. This pin is
internally clamped at 15 V when the IC is in sleep mode.
3
UVLO
Sleep and under voltage lockout pin. A voltage greater than 1.8 V causes the chip to “wake up” however the GATE
remains low. A voltage greater than 2.6 V on this pin allows the output to switch.
4
SS
Soft−Start Capacitor Pin. A capacitor placed between SS and GROUND is charged with 10 mA and discharged with
10 mA. The Soft−Start capacitor controls both Soft−Start time and hiccup mode frequency.
5
VFB
Voltage Feedback Pin. The collector of an optocoupler is typically tied to this pin. This pin is pulled up internally by a
4.3 kW resistor to 5.0 V and is clamped internally at 2.9 V (2.65 V). If VFB is pulled > 4.0 V, the oscillator is disabled
and GATE will stay high. If the VFB pin is pulled < 0.49 V, GATE will stay low.
6
ISENSE Current Sense Pin. This pin is connected to the current sense resistor on the primary side. If VFB is floating, the
GATE will go low if ISENSE = 195 mV (335 mV). If ISENSE > 275 mV (525 mV), Soft−Start will be initiated.
7
GATE
Gate Drive Output Pin. Capable of driving a 3.0 nF load. GATE is nominally clamped to 13.5 V.
8
GND
Ground Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com