Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet (PDF) - Micrel Semiconductor

MIC74 Datasheet PDF - Micrel Semiconductor
Part # MIC74
Download  MIC74 Download
File Size   142.57 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2-Wire Serial I/O Expander and Fan Controller Advance Information

MIC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC74 Datasheet PDF - Micrel Semiconductor

Part # MIC74
Download  MIC74 Click to download

File Size   142.57 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2-Wire Serial I/O Expander and Fan Controller Advance Information

MIC74 Datasheet (HTML) - Micrel Semiconductor


MIC74 Product details

General Description
The MIC74 is a fully programmable serial-to-parallel I/O expander compatible with the SMBus™ (system management bus) protocol. It acts as a “slave” on the bus, providing eight independent I/O lines.

Features
• Provides eight bits of general purpose I/O
• Built in fan speed control logic (optional)
• 2-wire SMBus™/I2C™ compatible serial interface plus interrupt output
• 2.7V to 3.6V operating voltage range
• 5V-tolerant I/O
• Low quiescent current: 2µA (typical)
• Bit-programmable I/O options:
    – input or output
    – push-pull or open-drain output
    – interrupt on input changes
• Outputs can directly drive LEDs (10mA IOL)
• Up to 8 devices per bus

Applications
• General purpose I/O expansion via serial bus
• Personal computer system management
• Distributed sensing and control
• Microcontroller I/O expansion
• Fan Control




Similar Part No. - MIC74

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC74 MICREL-MIC74 Datasheet
1Mb / 10P
TXRX_982_R1 Evaluation Board
MIC7400 MICREL-MIC7400 Datasheet
94Kb / 2P
Five-Channel Buck Regulator
MIC7400-XXXXYFL MICREL-MIC7400-XXXXYFL Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
MIC7400XXX MICREL-MIC7400XXX Datasheet
94Kb / 2P
Five-Channel Buck Regulator
MIC7400YFL MICREL-MIC7400YFL Datasheet
94Kb / 2P
Five-Channel Buck Regulator
More results


Similar Description - MIC74

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC502 MICREL-MIC502 Datasheet
130Kb / 11P
Fan Management IC Advance Information
logo
Mitel Networks Corporat...
ACE9050 MITEL-ACE9050 Datasheet
390Kb / 52P
System Controller and Data Modem Advance Information
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_06 Datasheet
260Kb / 18P
2-Wire Serial I/O Expander and Fan Controller
logo
SiGe Semiconductor, Inc...
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
I/O Expander Switch with Serial Control
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
2-Wire Serial I/O Expander and Fan Controller
logo
Analog Devices
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com