Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC74 Datasheet HTML 1Page - Micrel Semiconductor MIC74 Datasheet HTML 2Page - Micrel Semiconductor MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MIC74
Micrel
MIC74
4
August 1, 2000
Symbol
Parameter
Condition
Min
Typ
Max
Units
/ALERT
V
OL
Output Low Voltage
I
OL = 1mA
0.4
V
I
LEAK
Leakage Current
V
IN = VDD or VSS
–1
±250
+1
µA
AC Characteristics
t
START
Fan Startup Interval
normal operation
0.5
1
3.3
sec
t
PULSE
Minimum Pulse-Width
minimum pulse-width on P
n to
10
ns
generate an interrupt, Note 7
t
/INT
Interrupt Delay
interrupt delay from state change
4
µs
on P
n to /ALERT
≤ V
OL, Note 7
t
/IR
Delay from Status Read or ARA
4
µs
Response to /ALERT
≥ V
OH
t
HD:STA
Hold Time, Note 7
hold time after repeated start condition.
4.0
µs
after this period, the first clock is generated.
t
SU:STA
Setup Time, Note 7
repeated start condition setup time
4.7
µs
t
SU:STO
Stop Condition Setup Time
Note 7
4.0
µs
t
HD:DAT
Data Hold Time
Note 7
500
ns
t
SU:DAT
Data Setup Time
Note 7
0ns
t
TIMEOUT
Clock Low Time-Out
Notes 4, 7
25
35
ms
t
LOW
Clock Low Period
Notes 5, 7
4.7
µs
t
HIGH
Clock High Period
Notes 5, 7
4.0
50
µs
t
F
Clock/Data Fall Time
Notes 6, 7
300
ns
t
R
Clock/Data Rise Time
Notes 6, 7
1000
ns
t
BUF
Bus free time between stop and
Note 7
4.7
µs
Start condition
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Devices participating in a transfer will timeout when any clock low exceeds the value of t
TIMEOUT(min) of 25ms. Devices that have detected a
timeout condition must reset the communication no later than t
TIMEOUT(max) of 35ms. The maximum value specified must be adhered to by
both a master and a slave as it incorporates the cumulative stretch limit for both a master (10ms) and a slave (25ms).
Note 5.
t
HIGH(max) provides a simple guaranteed method for devices to detect bus idle conditions.
Note 6.
Rise and fall time is defined as follows: t
R = VIL(max) – 0.15V to VIH(min) + 0.15V; tF = 0.9VDD to VIL(max) – 0.15V.
Note 7.
Guaranteed by design.
Timing Definitions
DATA
CLK
tR
tF
tHD:STA
tSU:STO
tHD:DAT
tHD:STA
tSU:DAT
tHIGH
tSU:STA
tBUF
tLOW
StoP
StoP
Start
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com