Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor MIC74 Datasheet HTML 10Page - Micrel Semiconductor MIC74 Datasheet HTML 11Page - Micrel Semiconductor MIC74 Datasheet HTML 12Page - Micrel Semiconductor MIC74 Datasheet HTML 13Page - Micrel Semiconductor MIC74 Datasheet HTML 14Page - Micrel Semiconductor MIC74 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
August 1, 2000
11
MIC74
MIC74
Micrel
S 00011001 A 0100 A2 A1 A0 0/A P
Alert Response Address
(master requests address
of interupting device)
P0*
/ALERT
Slave Address
(interrupting MIC74
announces its address)
Master-to-slave transmission
Slave-to-master response
STOP
ACKNOWLEDGE
R/W = READ
NOT ACKNOWLEDGE
t/INT
t/IR
* Assumes P0 interrupts properly configured and
enabled. P0 used as an example. Timing for P1
to P7 is identical.
Figure 7. Interrupt Handling Using the Alert Response Address
/A P
S 0001 A2 A1 A0 0 A 000000
XXXXXXXX
11 A
A
Slave Address
(host addresses an MIC74)
P0*
/ALERT
Command Byte
(03h = selects status register)
Status Value†
(MIC74 sends status)
Slave Address
(host addresses an MIC74)
Master-to-slave transmission
Slave-to-master response
ACKNOWLEDGE
R/W = WRITE
S 0001 A2 A1 A0 1
R/W = READ
STOP
NOT ACKNOWLEDGE
t/INT
t/R
* Assumes P0 interrupts properly configured and
enabled. P0 used as an example. Timing for P1
to P7 is identical.
† STATUS register is cleared to zero following this
operation.
ACKNOWLEDGE
ACKNOWLEDGE
Figure 8. Interrupt Handling Without the Alert Response Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com