Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC74 Datasheet HTML 12Page - Micrel Semiconductor MIC74 Datasheet HTML 13Page - Micrel Semiconductor MIC74 Datasheet HTML 14Page - Micrel Semiconductor MIC74 Datasheet HTML 15Page - Micrel Semiconductor MIC74 Datasheet HTML 16Page - Micrel Semiconductor MIC74 Datasheet HTML 17Page - Micrel Semiconductor MIC74 Datasheet HTML 18Page - Micrel Semiconductor MIC74 Datasheet HTML 19Page - Micrel Semiconductor MIC74 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MIC74
Micrel
MIC74
16
August 1, 2000
D
E
E
P
S
_
N
A
F
e
u
l
a
V
d
e
e
p
S
n
a
F
d
e
t
c
e
l
e
S
R
B
F
R
N
I
M
R
2
F
R
1
F
R
0
F
R
Q
E
V
T
U
O
0
0
0
0
0
0
0
0
b
p
u
-
r
e
w
o
pk
3k
1n
e
p
on
e
p
on
e
p
ok
1V
6
9
.
4
0
0
0
0
0
0
0
0
b
f
f
o
n
a
fk
3k
1n
e
p
on
e
p
on
e
p
ok
1V
0
1
0
0
0
0
0
0
0
b
t
s
e
w
o
lk
3k
1n
e
p
on
e
p
ok
6
.
33
8
7V
9
9
.
5
0
1
0
0
0
0
0
0
b
t
s
e
w
o
l
d
n
2k
3k
1n
e
p
ok
8
.
1n
e
p
o3
4
6V
3
0
.
7
1
1
0
0
0
0
0
0
b
t
s
e
w
o
l
d
r
3k
3k
1n
e
p
ok
8
.
1k
6
.
35
4
5V
6
0
.
8
0
0
1
0
0
0
0
0
b
m
u
i
d
e
mk
3k
1k
1n
e
p
on
e
p
o0
0
5V
8
6
.
8
1
0
1
0
0
0
0
0
b
t
s
e
h
g
i
h
d
r
3k
3k
1k
1n
e
p
ok
6
.
39
3
4V
1
7
.
9
0
1
1
0
0
0
0
0
b
t
s
e
h
g
i
h
d
n
2k
3k
1k
1k
8
.
1n
e
p
o1
9
3V
5
7
.
0
1
1
1
1
0
0
0
0
0
b
t
s
e
h
g
i
hk
3k
1k
1k
8
.
1k
6
.
33
5
3V
8
7
.
1
1
Table 3. Fan Speed Selection
in the configuration register, the fan will be shutdown by the
assertion of the /SHDN output if FAN_SPEED is zero. If
FAN_SPEED is programmed with any nonzero value, the fan
will be driven to its maximum speed for the duration of t
START
(about 1 second) and then assume the programmed speed.
Note that the circuit in Figure 14 contains an additional
transistor, Q1, as an inverter because the regulator in this
example has an active-high shutdown input rather than an
enable input. Otherwise the circuits function identically.
Table 3 lists the output voltages corresponding to all the fan
speeds and system states possible with these circuits. The
following equations are used to calculate the resistor values
used in MIC74 fan speed control circuits. It is assumed here
that the regulator’s internal reference voltage is 1.24V. If the
regulator uses a different reference voltage, that value should
be used instead.
The following equations show how to calculate the resistor
values for the fan controllers. For example, when the fan
speed register contains 011
b, which is the 3rd lowest speed,
R
F1 and RF0 are parallel to RMIN to give the equivalence
resistor (R
EQ) value of 545Ω.
RR
R
R
EQ
MIN
=
F1
F0
||
||
R
EQ = 1.8k
3.6k 1k
||
||
R
EQ =Ω
545
The output voltage is calculated by using:
V
R
R
OUT
FB
EQ
=+


1.24V 1
V
OUT =+
Ω


1.24V 1
3k
545
V
OUT = 8.06V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com