Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor MIC74 Datasheet HTML 10Page - Micrel Semiconductor MIC74 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
August 1, 2000
7
MIC74
MIC74
Micrel
Functional Description
Pin Descriptions
VDD
Power supply input connection. See “Operating Ratings.”
GND
Ground or return connection for all MIC74 functions.
CLK
An CLK signal is provided by the host (master) and is
common to all devices on the bus. The CLK signal controls all
transactions in both directions on the bus and is applied to
each MIC74 at the CLK pin.
DATA
Serial data is bidirectional and is common to all devices on the
bus. The MIC74’s DATA output is open-drain.
The DATA line requires one external pull-up resistor or
current source per system that can be located anywhere
along the line.
A2, A1, A0
An MIC74 responds to its own unique address which is
assigned using the A0–A2 pins. A0–A2 set the three LSBs
(least significant bits) of the MIC74’s 7-bit slave address. The
three address pins allow eight unique MIC74 addresses in a
system. When the MIC74’s address matches an address
received in the serial bit stream, communication is initiated.
A2, A1 and A0 should be connected to GND or V
DD. The state
of these pins is sampled only once at device power-on. New
slave addresses are not accepted unless the MIC74 is
powered off then on.
Functional Diagram
GND
VDD
P
n (typical I/O port)
S
Q
QR
EDGE
DETECT
INT
n
IM
n
STATUS
n
STATUS_READ
n
DATA
n
(INPUT)
OUT_CFG
n
DIR
n
DATA
n
(OUTPUT)
Typical I/O Port (Fan Speed Control Logic Not Shown)
s
t
u
p
n
Is
s
e
r
d
d
A
e
v
a
l
S
4
7
C
I
M
2
A1
A0
Ay
r
a
n
i
Bx
e
H
000
0
0
1
0
0
0
0
b
0
2
h
001
0
0
1
0
1
0
0
b
1
2
h
010
0
0
1
0
0
1
0
b
2
2
h
011
0
0
1
0
1
1
0
b
3
2
h
100
0
0
1
0
0
0
1
b
4
2
h
101
0
0
1
0
1
0
1
b
5
2
h
110
0
0
1
0
0
1
1
b
6
2
h
111
0
0
1
0
1
1
1
b
7
2
h
Table 1. MIC74 Address Configuration
Alert Response Address
The MIC74 also responds to the ARA (Alert Response
Address). The ARA is used by the master (host) to request the
address of a slave that has provided an interrupt to the master
via the /ALERT line.
The ARA is a single address (0001 100) common to all slaves
and is described in more detail under “Interrupt Generation”
with related information under “/ALERT.” Also see Figure 7.
Pn, /SHDN, and /FS0–/FS2
P0 through P7 are general-purpose input/output bits. Each bit
is independently programmable as an input or an output. If
programmed as an output, each bit is further programmable
as either a complementary push-pull or open-drain output.
If properly enabled, any P
n programmed as an input will
generate an interrupt to the host using the /ALERT output
when the input changes state. In this way, the MIC74 can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com