Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC74 Datasheet HTML 1Page - Micrel Semiconductor MIC74 Datasheet HTML 2Page - Micrel Semiconductor MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MIC74
Micrel
MIC74
2
August 1, 2000
Pin Description
Pin Number
Pin Name
Pin Function
1–3A0–A2
Address (Input): Slave address selection inputs; sets the three least signifi-
cant bits of the MIC74’s slave address.
4–7P0–P3
Parallel I/O (Input/Output): General-purpose I/O pin. Direction and output
type are user programmable.
8
GND
Ground
9–12
P4–P7 (/SHDN, /FS0–/FS2)
Parallel I/O (Input/output): P4–P7 are general-purpose I/O pins. Direction
and output type are user programmable.
Shutdown (Output): When the FAN bit is set, pin 9 becomes SHDN.
Fan Speed (Output): When the FAN bit is set, pins 10 through 12 become /
FS0–/FS2 respectively, controlled by the FAN_SPEED register.
13
/ALERT
Interrupt (Output): Active-low, open-drain output signals input-change-
interrupts to the host on this pin. Signal is cleared when the bus master
(host) polls the ARA (alert response address = 0001 100) or reads status.
14
CLK
Serial Bus Clock (Input): The host provides the serial bit clock in this input.
15
DATA
Serial Data (Input/Output): Serial data input and open-drain serial data
output.
16
VDD
Power Supply (Input.)
Pin Configuration
1
A0
A1
A2
P0
P1
P2
P3
GND
16 VDD
DATA
CLK
/ALERT
P7 (/FS2)
P6 (/FS1)
P5 (/FS0)
P4 (/SHDN0)
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16-Lead QSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com