Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC74 Datasheet HTML 1Page - Micrel Semiconductor MIC74 Datasheet HTML 2Page - Micrel Semiconductor MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
August 1, 2000
3
MIC74
MIC74
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DD) ................................................. +4.6V
Input Voltage
[all pins except
V
DD and GND] (VIN) ........................ GND – 0.3V to 5.5V
Junction Temperature (T
J) ...................................... +150°C
Lead Temperature (10 sec.) .................................... +260
°C
ESD Rating, Note 3
V
DD ........................................................................................... 1.5kV
A0,A1,A2 ................................................................. 500V
Others ..................................................................... 200V
Operating Ratings (Note 2)
Supply Voltage (V
DD) .................................. +2.7V to +3.6V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance ............................... 163
°C/W
Electrical Characteristics
2.7V
≤ V
DD ≤ 3.6V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Input Voltage, any pin except
GND–0.3
5.5
V
V
DD and GND
I
DD
Operating Supply Current
P[7:0] inputs; P[7:0] = V
DD or GND
2
6
µA
/ALERT open; f
CLK = 100kHz
I
START
Fan Startup Supply Current
during t
START; /ALERT, /SHDN,
1.75
mA
(Fan Mode Only)
/FS2[2:0] = open; V
SMBCLK = VSMBDATA = VDD;
P[3:0] = inputs
I
STBY
Standby Supply Current
/ALERT = open, V
SMBCLK = VSMBDATA = VDD;1
3
µA
P[3:0] = inputs
Serial I/O (DATA, CLK)
V
IL
Input Low Voltage
–0.3
0.8
V
V
IH
Input High Voltage
2.0
5.5
V
V
OL
Output Low Voltage
I
OL = 3mA
0.4
V
I
LEAK
Leakage Current
V
IN = 5.5V or GND
–1+1
µA
C
IN
Input Capacitance
10
pF
Parallel I/O [P0–P3, P4(/SHDN), P5(/FS0)–P7(/FS2)]
V
IL
Input Low Voltage
–0.5
0.8
V
V
IH
Input High Voltage
2
5.5
V
I
OL
Output Low Current
V
OL = 0.4V, VDD = 2.7V
7
mA
V
OL = 1V, VDD = 3.3V
10
mA
I
OH
Output High Current
V
OH = 2.4V
7
mA
I
LEAK
Leakage Current
V
IN = 5.5V or GND
–1+1
µA
C
IN
Input Capacitance
10
pF
C
OUT
Output Capacitance
10
pF
Address Input (A0–A2)
V
IL
Input Low Voltage
–0.3
0.3V
DD
V
V
IH
Input High Voltage
0.7V
DD
V
DD+0.3
V
I
LEAK
Leakage Current
V
IN = VDD or GND
–250
+250
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com