Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC74 Datasheet HTML 2Page - Micrel Semiconductor MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor MIC74 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MIC74
Micrel
MIC74
6
August 1, 2000
Data Register
A
T
A
D
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
7
P6
P5
P4
P3
P2
P1
P0
P
Power-On Default Value: 1111 1111
b, FFh
Command_byte addess: 0000 0101
b, 05h
Type:
8-bits, read/write
Bit Name:
P
n
Function:
Returns the current state of any P
n configured
as an input and the last value written to P
n’s
configured as outputs; Writing the DATA
register sets the output state of any P
n’s
configured as outputs; writes to I/O bits
configured as inputs are ignored.
Read Operation: 1 = P
n is high
0 = P
n is low
Write Operation: 1 = P
n is set to one
0 = P
n is cleared
Notes:
If Fan Mode is selected, that is, the FAN bit of
the DEV_CFG register is set to one, P[7:4] are
automatically configured as open-drain
outputs. They are then referred to as /FS[2:0]
and /SHDN. The state of these pins is deter-
mined by the FAN_SPEED register. While in
Fan Mode, D[7:4] of the DATA registers have
no effect.
Fan Speed Register
D
E
E
P
S
_
N
A
F
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
.
o
r
e
z
s
a
e
t
i
r
w
s
y
a
w
l
Ad
e
e
p
S
n
a
F
Power-On Default Value: 0000 0000
b, 00h
fan off
Command_byte addess: 0000 0110
b, 06h
Type:
8-bits, read/write
Bit Name:
D[0] through D[2]
Function:
Determines bit-pattern on FS[2:0]
Operation:
]
0
:
2
[
D
e
u
l
a
V
e
t
a
t
S
t
u
p
t
u
O
d
e
e
p
S
n
a
F
]
0
:
2
[
S
F
/N
D
H
S
/
0
0
01
1
10
f
f
o
1
0
00
1
11
)
t
s
e
w
o
l
s
(
1
d
e
e
p
s
0
1
01
0
11
2
d
e
e
p
s
1
1
00
0
11
3
d
e
e
p
s
0
0
11
1
01
4
d
e
e
p
s
1
0
10
1
01
5
d
e
e
p
s
0
1
11
0
01
6
d
e
e
p
s
1
1
10
0
01
)
t
s
e
t
s
a
f
(
7
d
e
e
p
s
Fan Speed Settings
Notes:
Any time the fan speed register contains zero,
that is, the fan is shut down, and a non-zero
value is written into the fan speed register, the
/FS[2:0] and /SHDN outputs will assume the
highest fan speed state for approximately one
second (t
START). Following this interval, the
state of the fan speed control outputs will
assume the value indicated by the contents of
FAN_SPEED. This insures that the fan will
start reliably when low speed operation is
desired.
Bit Name:
D[3] through D[7]
Function:
Reserved
Operation: Always write as zero.
Interrupt Mask Register
K
S
A
M
_
T
N
I
]
7
[
D]
6
[
D]
5
[
D]
4
[
D]
3
[
D]
2
[
D]
1
[
D]
0
[
D
7
M
I6
M
I5
M
I4
M
I3
M
I2
M
I1
M
I0
M
I
Power-On Default Value: 0000 0000
b, 00h
Command_byte addess: 0000 0100
b, 04h
Type:
8-bits, read/write
Bit Name:
IM
n
Function:
Interrupt enable bit for P
n when Pn is config-
ured as an input
Operation: 1 = enabled
0 = disabled
Notes:
If Fan Mode is selected, that is, the FAN bit of
the DEV_CFG register is set to one, P[7:4] are
automatically configured as open-drain
outputs. They are then referred to as /FS[2:0]
and /SHDN. No interrupts of any kind are
generated by these pins while in Fan Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com