Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC74
Description  2-Wire Serial I/O Expander and Fan Controller Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor MIC74 Datasheet HTML 10Page - Micrel Semiconductor MIC74 Datasheet HTML 11Page - Micrel Semiconductor MIC74 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MIC74
Micrel
MIC74
8
August 1, 2000
notify the host of an input change without requiring periodic
polling by the host or a message transaction on the bus.
Regardless of whether interrupts are enabled or disabled,
each input-change event also sets the corresponding bit in
the status register. I/O configuration is performed using the
output configuration (OUT_CFG), I/O direction (DIR), and
interrupt mask (INT_MASK) registers.
If the FAN bit in the device configuration register is set, the
states of P[7:4] are controlled by the FAN_SPEED register.
The bits in the OUT_CFG, DIR, and INT_MASK registers
corresponding to P[7:4] are ignored. When in Fan Mode,
P[7:4] are referred to as /FS2, /FS1, /FS0, and /SHDN. While
in this mode, no interrupts of any kind will be generated by
these pins.
/ALERT
The alert signal is an open-drain, active-low output. The
operation of the /ALERT output is controlled by the IM
n bits
in the INT_MASK register and the global interrupt enable bit
(IE) in the DEV_CFG register.
If the IE bit is set to zero, or if the corresponding interrupt
enable bit, IM
n, is set to zero, no input-change interrupts will
be generated. (Regardless of the IE bit setting, the change
will be reflected in the status register.)
If the IE bit is set to one, IM
n is set to one, and Pn is an input,
then /ALERT is driven active whenever P
n changes state,
(goes from a high-to-low or low-to-high state). Once triggered,
/ALERT is unconditionaly reset to its inactive state once the
MIC74 successfully responds to the alert response address
or STATUS is read.
Serial Port Operation
The MIC74 uses standard SMBus Read_Byte and Write_Byte
operations to communicate with its host.
The Read_Byte operation is a composite read-write opera-
tion consisting of first sending the MIC74’s slave address
followed by a command byte (a write) and then resending the
slave address and clocking out the data byte (a read). The
command byte is the address of the target register. See Table
2. An example of a Read_Byte operation is shown in Figure
8.
Similarly, the write-byte operation consists of sending the
device’s slave address followed by a command byte and the
byte to be written to the target register. Again, in the case of
the MIC74, the command byte is the address of the target
register. See Table 2.
In addition, to the read byte and write byte protocols, the
MIC74 adheres to the SMBus protocol for response to the
ARA (alert response address). An MIC74 expects to be
interrogated using the ARA when it has asserted its /ALERT
output. /ALERT interrupts can be enabled or disabled using
the IE bit in the DEV_CFG register.
Power-On
When power is initially applied, the MIC74’s internal registers
will assume their power-up default state and the state of the
address inputs, A2, A1 and A0, will be read to establish the
device’s slave address. See the individual register descrip-
tions for each registers default state. Also see Table 2.
I/O Ports
Each I/O bit, P0 through P7, may be individually programmed
as an input or output using the corresponding bit in the I/O
direction register, DIR.
If programmed as an output, each is further programmable as
either a complementary push-pull or open-drain output using
the output configuration register, OUT_CFG.
If enabled by the corresponding bit, IM
n, in the interrupt mask
register INT_MASK, each P
n programmed as an input will
generate an interrupt to the host on /ALERT if the input
changes state. In this way, the MIC74 can notify the host of
an input change without requiring periodic polling by the host
or a transaction on the bus.
Each input-change event also sets the corresponding bit in
the status register, STATUS.
See “Functional Diagram” for the logic arrangement of a
typical MIC74 I/O port.
Fan Speed Control
If the FAN bit in the device configuration register is set, the
state of P[7:4] is controlled by the FAN_SPEED register. The
bits in the OUT_CFG, DIR, and INT_MASK registers corre-
sponding to P[7:4] are ignored. When in Fan Control Mode,
P[7:4] are referred to as /FS2, /FS1, /FS0, and /SHDN. While
in this mode, no interrupts of any kind will be generated by
these pins. See “Applications Information” for typical fan
speed control applications.
r
e
t
s
i
g
e
R
e
m
a
N
r
e
t
s
i
g
e
R
n
o
i
t
p
i
r
c
s
e
D
s
s
e
r
d
d
A
e
l
b
a
l
i
a
v
A
s
n
o
i
t
a
r
e
p
O
t
l
u
a
f
e
D
n
O
-
r
e
w
o
P
y
r
a
n
i
Bx
e
Hy
r
a
n
i
Bx
e
H
G
I
F
N
O
C
_
V
E
Dn
o
i
t
a
r
u
g
i
f
n
o
C
e
c
i
v
e
D0
0
0
0
0
0
0
0
b
0
0
h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
80
0
0
0
0
0
0
0
b
0
0
h
R
I
Dn
o
i
t
c
e
r
i
D
O
/
I1
0
0
0
0
0
0
0
b
1
0
h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
80
0
0
0
0
0
0
0
b
0
0
h
G
F
C
_
T
U
On
o
i
t
a
r
u
g
i
f
n
o
C
t
u
p
t
u
O0
1
0
0
0
0
0
0
b
2
0
h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
80
0
0
0
0
0
0
0
b
0
0
h
S
U
T
A
T
Ss
u
t
a
t
S
t
p
u
r
r
e
t
n
I1
1
0
0
0
0
0
0
b
3
0
h
d
a
e
r
t
i
b
-
80
0
0
0
0
0
0
0
b
0
0
h
K
S
A
M
_
T
N
Ik
s
a
M
t
p
u
r
r
e
t
n
I0
0
1
0
0
0
0
0
b
4
0
h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
80
0
0
0
0
0
0
0
b
0
0
h
A
T
A
DO
/
I
e
s
o
p
r
u
P
-
l
a
r
e
n
e
G1
0
1
0
0
0
0
0
b
5
0
h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
81
1
1
1
1
1
1
1
b
F
F
h
D
E
E
P
S
_
N
A
Fd
e
e
p
S
n
a
F0
1
1
0
0
0
0
0
b
6
0
h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
80
0
0
0
0
0
0
0
b
0
0
h
Table 2. Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com