Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet (PDF) - Micro Linear Corporation

ML6421 Datasheet PDF - Micro Linear Corporation
Part # ML6421
Download  ML6421 Download
File Size   160.32 Kbytes
Page   13 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Triple Phase and Sinx/x Equalized, Low-Pass Video Filter

ML6421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6421 Datasheet PDF - Micro Linear Corporation

Part # ML6421
Download  ML6421 Click to download

File Size   160.32 Kbytes
Page   13 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Triple Phase and Sinx/x Equalized, Low-Pass Video Filter

ML6421 Datasheet (HTML) - Micro Linear Corporation


ML6421 Product details

GENERAL DESCRIPTION

The ML6421 monolithic BiCMOS 6th-order filter provides fixed frequency low pass filtering for video applications. This triple phase-equalized filter with Sinx/x correction is designed for reconstruction filtering at the output of a Video DAC.



FEATURES

5.5, 8.0, 9.3, or 3.0MHz bandwidth

1x or 2x gain

6th-order filter with phase and amplitude equalizer

>40dB stopband rejection

No external components or clocks

±10% frequency accuracy over maximum supply and temperature variation

<2% differential gain <2° differential phase

<25ns group delay variation

Drives 1VP-P into 75Ω, or 2VP-P into 150Ω

5V ±10% operation



 




Similar Part No. - ML6421

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-1 MICRO-LINEAR-ML6420CS-1 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-3 MICRO-LINEAR-ML6420CS-3 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-4 MICRO-LINEAR-ML6420CS-4 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-5 MICRO-LINEAR-ML6420CS-5 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
More results


Similar Description - ML6421

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6423 MICRO-LINEAR-ML6423 Datasheet
273Kb / 10P
Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
ML6424 MICRO-LINEAR-ML6424 Datasheet
149Kb / 12P
CCIR601 Video Lowpass Filter with Optional Sinx/x Correction
logo
Asahi Kasei Microsystem...
AKD4250-A AKM-AKD4250-A Datasheet
431Kb / 11P
1ch video amplifier with low pass filter
AKD4252-A AKM-AKD4252-A Datasheet
341Kb / 11P
1ch video amplifier with low pass filter
logo
Faraday Technology
FF0300P FARADAY-FF0300P Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0200M FARADAY-FF0200M Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0200L FARADAY-FF0200L Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
Dual Video Driver with Low Pass Filter
logo
Analog Devices
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com