Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6421
Description  Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6421 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6421 Datasheet HTML 1Page - Micro Linear Corporation ML6421 Datasheet HTML 2Page - Micro Linear Corporation ML6421 Datasheet HTML 3Page - Micro Linear Corporation ML6421 Datasheet HTML 4Page - Micro Linear Corporation ML6421 Datasheet HTML 5Page - Micro Linear Corporation ML6421 Datasheet HTML 6Page - Micro Linear Corporation ML6421 Datasheet HTML 7Page - Micro Linear Corporation ML6421 Datasheet HTML 8Page - Micro Linear Corporation ML6421 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ML6421
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
GNDB
Ground pin for filter B.
2VINC
Signal input to filter C. Input
impedance is 4k
Ω.
3
GND
Power and logic ground.
4
GNDC
Ground pin for filter C.
5VCC
Positive supply.
6VCCC
Power supply for filter C.
7VOUTC
Output of filter C. Drive is 1VP-P into
75
Ω (0.5V to 1.5V), or 2VP-P into
150
Ω (0.5V to 2.5V).
8VCCB
Power supply for filter B: 4.5V to 5.5V.
9VOUTB
Output of filter B. Drive is 1VP-P into
75
Ω (0.5V to 1.5V), or 2VP-P into
150
Ω (0.5V to 2.5V).
10
VOUTA
Output of filter A. Drive is 1VP-P into
75
Ω (0.5V to 1.5V), or 2VP-P into
150
Ω (0.5V to 2.5V).
PIN
NAME
FUNCTION
11
VCC A
Power supply for filter A.
12
GND
Power and logic ground.
13
GNDA
Ground pin for filter A.
14
RANGE
Input signal range select.
For –1 to –4; when RANGE is low (0),
the input signal range is 0.5V to 2.5V,
with an output range of 0.5V to 2.5V.
When RANGE is high (1), the input
signal range is 0V to 2V, with an
output range of 0.5V to 2.5V.
For –5 to –7; when RANGE is low (0),
the input signal range is 0.5V to 1.5V,
with an output range of 0.5V to 2.5V.
When RANGE is high (1), the input
signal range is 0V to 1V, with an
output range of 0.5V to 2.5V.
15
VINA
Signal input to filter A. Input
impedance is 4k
Ω.
16
VINB
Signal input to filter B. Input
impedance is 4k
Ω.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
ML6421
16-Pin Wide SOIC (S16W)
GNDB
VINC
GND
GNDC
VCC
VCCC
VOUTC
VCCB
VINB
VINB
RANGE
GNDA
GND
VCCA
VOUTA
VOUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com