Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6421
Description  Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6421 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6421 Datasheet HTML 1Page - Micro Linear Corporation ML6421 Datasheet HTML 2Page - Micro Linear Corporation ML6421 Datasheet HTML 3Page - Micro Linear Corporation ML6421 Datasheet HTML 4Page - Micro Linear Corporation ML6421 Datasheet HTML 5Page - Micro Linear Corporation ML6421 Datasheet HTML 6Page - Micro Linear Corporation ML6421 Datasheet HTML 7Page - Micro Linear Corporation ML6421 Datasheet HTML 8Page - Micro Linear Corporation ML6421 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ML6421
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL (Continued)
Output Current
RL = 0 (short circuit)
175
mA
CL
Load Capacitance
35
pF
Composite Chroma
fC = 5.5MHz
ML6421(–1 to –4)
±15
ns
/Luma delay
ML6421(–5 to –7)
±15
ns
fC = 8.0MHz/9.3MHz
±8
ns
5.50MHZ FILTER (ML6421-1, -5)
Bandwidth
–0.75dB (Note 5)
ML6421(–1 to –4)
4.95
5.50
6.05
MHz
(monotonic passband)
–0.55dB (Note 5)
ML6421(–5 to –7)
4.95
5.50
6.05
MHz
Subcarrier Frequency Gain
fIN = 3.58MHz
ML6421(–1 to –4)
–0.3
0.2
0.7
dB
ML6421-1
ML6421(–5 to –7)
–0.9
1.4
1.9
dB
fIN = 4.43MHz
ML6421(–1 to –4)
–0.35
0.1
0.65
dB
ML6421(–5 to –7)
1.1
1.6
2.1
dB
Attenuation
fIN = 10MHz
ML6421(–1 to –4)
16
18
dB
ML6421(–5 to –7)
20
25
dB
fIN = 50MHz
40
45
dB
Output Noise
BW = 30MHz (Note 6)
1000
µVRMS
Group Delay
145
ns
8.0MHZ FILTER
Bandwidth
–3dB (Note 5)
7.2
8
8.8
MHz
(monotonic passband)
Subcarrier Frequency Gain
fIN = 3.58MHz
–0.25
0.25
0.75
dB
ML6421-3 or ML6421
fIN = 4.43MHz
–0.11
0.39
0.89
dB
4/ML6421-7
Attenuation
fIN = 17MHz
20
25
dB
fIN = 85MHz
40
42
dB
Output Noise
BW = 30MHz (Note 6)
1000
µVRMS
Group Delay
120
ns
9.3MHZ FILTER
Bandwidth
–2dB (Note 5)
8.4
9.3
10.2
MHz
(monotonic passband)
Subcarrier Frequency Gain
fIN = 3.58MHz
–0.01
0.4
0.9
dB
ML6421-3 or ML6421
fIN = 4.43MHz
–0.1
0.6
1.1
dB
4/ML6421-7
Attenuation
fIN = 17MHz
20
25
dB
fIN = 85MHz
40
42
dB
Output Noise
BW = 30MHz (Note 6)
1000
µVRMS
Group Delay
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com