Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML6421
Description  Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6421 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML6421 Datasheet HTML 5Page - Micro Linear Corporation ML6421 Datasheet HTML 6Page - Micro Linear Corporation ML6421 Datasheet HTML 7Page - Micro Linear Corporation ML6421 Datasheet HTML 8Page - Micro Linear Corporation ML6421 Datasheet HTML 9Page - Micro Linear Corporation ML6421 Datasheet HTML 10Page - Micro Linear Corporation ML6421 Datasheet HTML 11Page - Micro Linear Corporation ML6421 Datasheet HTML 12Page - Micro Linear Corporation ML6421 Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ML6421
9
LAYOUT CONSIDERATIONS
In order to obtain full performance from these triple filters,
layout is very important. Good high frequency decoupling
is required between each power supply and ground.
Otherwise, oscillations and/or excessive crosstalk may
occur. A ground plane is recommended.
Each filter has its own supply and ground pins. In the test
circuit, 0.1µF capacitors are connected in parallel with
1nF capacitors on VCC, VCCC, VCCB and VCCA for
maximum noise rejection (Figure 9).
Further noise reduction is achieved by using series ferrite
beads. In typical applications, this degree of bypassing
may not be necessary.
Since there are three filters in one package, space the
signal leads away from each other as much as possible.
Power Considerations
The ML6421 power dissipation follows the formula:
PI
V
V
RL
DCC
CC
OUT
=×
×





!
"
$##
16–
2
3
(1)
This is a measure of the amount of current the part sinks
(current in – current out to the load).
Under worst case conditions:
PmW
D =×
×





!
"
$##
=
0 175 5 5
15
75
3
872 5
2
.. –
.
.
05
ML6421 VIDEO LOW PASS FILTER
Filter Selection: The ML6421 provides several choices in
filter cut-off frequencies depending on the application.
RGB: When the BW of each signal is the same, then the
ML6421-1 (5.5MHz) or ML6421-3 (8MHz) are appropriate
depending on the sampling rate.
YUV: When the luminance bandwidth is different from the
color bandwidth, the ML6421-4 with the 8.0, and two
3.0MHz filters are most appropriate.
S-Video: For Y/C (S-video) and Y/C + CV (Composite
Video) systems the 5.5MHz or 8MHz filters are
appropriate. In NTSC the C signal occupies the bandwidth
from about 2.6MHz to about 4.6MHz, while in PAL the C
signal occupies the bandwidth from about 3.4MHz to
about 5.4MHz. In both cases, a 5.5MHz low pass filter
provides adequate rejection for both sampling and
reconstruction. In addition, using the same filter for both
Y/C and CV maintains identical signal timing without
adjustments.
Composite: When one or more composite signals need to
be filtered, then the 5.5MHz and 8MHz filters permit
filtering of one, two or three composite signals.
NTSC/PAL: A 5.5MHz cut-off frequency provides good
filtering for 4.2MHz, 5.0MHz and 5.5MHz signals without
the need to change filters on a production basis.
Sinx/x: For digital video system with output D/A
converters, there is a fall-off in response with frequency
4
2
0
–2
–4
FREQUENCY (MHz)
01234567
THEORETICAL SINX/X
CORRECTION FOR
13.5MHz SAMPLING
SINX/X ERROR FOR
TYPICAL DAC AT 13.5MHz
Figure 10. Sinx/x Frequency Response
R
8
DIGITAL
INPUTS
RED DAC
(CURRENT SOURCING
G
8
GREEN DAC
(CURRENT SOURCING
B
R
ANALOG
OUTPUTS
G
B
8
BLUE DAC
(CURRENT SOURCING
ML6421
DAC LOAD
ADJUSTED FOR
2VP-P
75
Ω
75
Ω
75
Ω
+5V
Figure 11. Typical ML6421 Reconstruction Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com