Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6421
Description  Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6421 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6421 Datasheet HTML 1Page - Micro Linear Corporation ML6421 Datasheet HTML 2Page - Micro Linear Corporation ML6421 Datasheet HTML 3Page - Micro Linear Corporation ML6421 Datasheet HTML 4Page - Micro Linear Corporation ML6421 Datasheet HTML 5Page - Micro Linear Corporation ML6421 Datasheet HTML 6Page - Micro Linear Corporation ML6421 Datasheet HTML 7Page - Micro Linear Corporation ML6421 Datasheet HTML 8Page - Micro Linear Corporation ML6421 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ML6421
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified VCC = 5V ± 10% and TA = TMIN to TMAX, RL =75Ω or 150Ω, VOUT = 2VP-P for 150Ω Load and
VOUT = 1VP-P for 75Ω Load (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
RIN
Input Impedance
3
4
5
k
DR/RIN
Input R Matching
±2
%
IBIAS
Input Current
VIN = 0.5V,
ML6421(–1 to –4)
–80
µA
range = low
ML6421(–5 to –7)
45
µA
VIN = 0.0V,
ML6421(–1 to –4)
–125
µA
range = high
ML6421(–5 to –7)
–210
µA
Small Signal Gain
VIN = 100mVP-P
ML6421(–1 to –4)
–0.5
0
0.5
dB
at 100kHz
ML6421(–5 to –7)
5.5
6
6.5
dB
Differential Gain
VIN = 1.1V to 2.5V
ML6421(–1 to –4)
1
%
at 3.58 & 4.43 MHz
VIN = 0.8V to 1.5V
ML6421(–5 to –7)
1
%
at 3.58 & 4.43 MHz
Differential Phase
VIN = 1.1V to 2.5V
ML6421(–1 to –4)
1
deg
at 3.58 & 4.43 MHz
VIN = 0.8V to 1.5V
ML6421(–5 to –7)
1
deg
at 3.58 & 4.43 MHz
VIN
Input Range
Range = 0
ML6421(–1 to –4)
0.5
2.5
V
ML6421(–5 to –7)
0.5
1.5
V
Range = 1
ML6421(–1 to –4)
0.0
2.0
V
ML6421(-5 to -8)
0.0
1
V
Peak Overshoot
2T, 0.7VP-P pulse
2.0
%
Crosstalk Rejection
fIN = 3.58,
ML6421(–1 to –4)
50
dB
fIN = 4.43MHz
ML6421(–5 to –7)
45
dB
(Note 6)
Channel to Channel
fIN = 100kHz
±10
ns
Group Delay Matching
(fC = 5.5MHz)
Channel to Channel
fIN = 100kHz
±2
%
Group Matching
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage (VCC) ....................... –5.5MHz0.3 to +7V
GND .................................................. –0.3 to VCC +0.3V
Logic Inputs ........................................ –0.3 to VCC +0.3V
Input Current per Pin ............................................ ±25mA
Storage Temperature .................................. –65° to 150°C
Package Dissipation at TA = 25°C .............................. 1W
Lead Temperature (Soldering 10 sec) ...................... 260°C
Thermal Resistance (
θJA)..................................... 65°C/W
OPERATING CONDITIONS
TSupply Voltage ............................................... 5V ± 10%
Temperature Range ................................ 0°C < to < 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com