Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6421
Description  Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6421 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6421 Datasheet HTML 1Page - Micro Linear Corporation ML6421 Datasheet HTML 2Page - Micro Linear Corporation ML6421 Datasheet HTML 3Page - Micro Linear Corporation ML6421 Datasheet HTML 4Page - Micro Linear Corporation ML6421 Datasheet HTML 5Page - Micro Linear Corporation ML6421 Datasheet HTML 6Page - Micro Linear Corporation ML6421 Datasheet HTML 7Page - Micro Linear Corporation ML6421 Datasheet HTML 8Page - Micro Linear Corporation ML6421 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ML6421
5
ELECTRICAL CHARACTERISTICS (CONTINUED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3.0MHZ FILTER
Bandwidth
–2.5dB (Note 5)
2.7
3
3.3
MHz
(monotonic passband)
Attenuation
fIN = 9.82MHz
30
33
dB
fIN = 60MHz
43
50
dB
Output Noise
BW = 30MHz (Note 6)
700
µVRMS
Bandwidth
–2dB (Note 5)
3
3.3
3.6
MHz
(monotonic passband)
Attenuation
fIN = 9.82MHz
30
33
dB
fIN = 60MHz
43
50
dB
Output Noise
BW = 30MHz (Note 6)
700
µVRMS
DIGITAL AND DC
VIL
Logic Input Low
Range
0.8
V
VIH
Logic Input High
Range
VCC – 0.8
V
IIL
Logic Input Low
VIN = GND
–1
µA
IIH
Logic Input High
VIN = VCC
1µA
ICC
Supply Current
VIN = 0.5V (Note 4)
110
135
mA
RL = 75Ω
VIN = 1.5V
140
175
mA
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.
Note 2: Maximum resistance on the outputs is 500
Ω in order to improve step response.
Note 3: Connect all ground pins to the ground plane via the shortest path.
Note 4: Power dissipation: PD = (ICC × VCC) – [3(VOUT2/RL)]
Note 5: The bandwidth is the –3dB frequency of the unboosted filter. This represents the attenuation that results from
boosting the gain from the –3dB point at the specified frequency.
Note 6: These parameters are guaranteed by characterization only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com