Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6421 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6421
Description  Triple Phase and Sinx/x Equalized, Low-Pass Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6421 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6421 Datasheet HTML 1Page - Micro Linear Corporation ML6421 Datasheet HTML 2Page - Micro Linear Corporation ML6421 Datasheet HTML 3Page - Micro Linear Corporation ML6421 Datasheet HTML 4Page - Micro Linear Corporation ML6421 Datasheet HTML 5Page - Micro Linear Corporation ML6421 Datasheet HTML 6Page - Micro Linear Corporation ML6421 Datasheet HTML 7Page - Micro Linear Corporation ML6421 Datasheet HTML 8Page - Micro Linear Corporation ML6421 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 1999
ML6421
*
Triple Phase and Sinx/x Equalized,
Low-Pass Video Filter
1
GENERAL DESCRIPTION
The ML6421 monolithic BiCMOS 6th-order filter provides
fixed frequency low pass filtering for video applications.
This triple phase-equalized filter with Sinx/x correction is
designed for reconstruction filtering at the output of a
Video DAC.
Cut-off frequencies are either 5.5, 8.0, or 3.0MHz. Each
channel incorporates a 6th-order lowpass filter, a first
order all-pass filter, a gain boost circuit, and a 75
Ω coax
cable driver. A control pin (Range) is provided to allow
the inputs to swing from 0 to 1V, or 0.5 to 1.5V, by
providing a 0.5V offset to the input.
The unity gain filters are powered from a single 5V supply,
and can drive 1VP-P over 75Ω (0.5V to 1.5V), or 2VP-P
over 150
Ω (0.5V to 2.5V) with the internal coax drivers.
BLOCK DIAGRAM
*Some Packages Are Obsolete
FEATURES
s
5.5, 8.0, 9.3, or 3.0MHz bandwidth
s
1x or 2x gain
s
6th-order filter with phase and amplitude equalizer
s
>40dB stopband rejection
s
No external components or clocks
s
±10% frequency accuracy over maximum supply
and temperature variation
s
<2% differential gain <2° differential phase
s
<25ns group delay variation
s
Drives 1VP-P into 75Ω, or 2VP-P into 150Ω
s
5V ±10% operation
15
5
6
4
BUF
1X/2X
BUF
LOW PASS
FILTER A
VINA
10 VOUTA
3k
Ω
1k
Ω
3.33k
Ω
16
1
BUF
LOW PASS
FILTER B
VINB
9
3
VOUTB
3.33k
Ω
2
14
BUF
LOW PASS
FILTER C
VINC
7
VOUTC
3.33k
Ω
VCCC
8
VCCB
VCC
11
VCCA
GNDC
13
GNDA
12
GND
GND
RANGE
GNDB
IBIAS
IBIAS
IBIAS
3k
Ω
1k
Ω
3k
Ω
1k
Ω
SINX/X
EQUALIZER
SINX/X
EQUALIZER
SINX/X
EQUALIZER
ALL
PASS
FILTER
ALL
PASS
FILTER
ALL
PASS
FILTER
1X/2X
BUF
1X/2X
BUF
Triple Input/Anti-aliasing Video Filter
1x GAIN
2x GAIN
ML6221-1
ML6421-3
ML6421-4
ML6421-5
ML6421-7
FilterA
5.5MHz
8.0MHz
8.0MHz
5.5MHz
9.3MHz
Filter B
5.5MHz
8.0MHz
3.0MHz
5.5MHz
9.3MHz
Filter C
5.5MHz
8.0MHz
3.0MHz
5.5MHz
9.3MHz


Similar Part No. - ML6421

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-1 MICRO-LINEAR-ML6420CS-1 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-3 MICRO-LINEAR-ML6420CS-3 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-4 MICRO-LINEAR-ML6420CS-4 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6420CS-5 MICRO-LINEAR-ML6420CS-5 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
More results

Similar Description - ML6421

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
Triple/Dual Phase-Equalized, Low-Pass Video Filter
ML6423 MICRO-LINEAR-ML6423 Datasheet
273Kb / 10P
Dual S-Video Lowpass Filter with Phase and Sinx/x Equalization
ML6424 MICRO-LINEAR-ML6424 Datasheet
149Kb / 12P
CCIR601 Video Lowpass Filter with Optional Sinx/x Correction
logo
Asahi Kasei Microsystem...
AKD4250-A AKM-AKD4250-A Datasheet
431Kb / 11P
1ch video amplifier with low pass filter
AKD4252-A AKM-AKD4252-A Datasheet
341Kb / 11P
1ch video amplifier with low pass filter
logo
Faraday Technology
FF0300P FARADAY-FF0300P Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0200M FARADAY-FF0200M Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0200L FARADAY-FF0200L Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
Dual Video Driver with Low Pass Filter
logo
Analog Devices
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com