Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA430 Datasheet (PDF) - Infineon Technologies AG

BGA430 Datasheet PDF - Infineon Technologies AG
Part # BGA430
Download  BGA430 Download
File Size   724.48 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs

BGA430 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA430 Datasheet PDF - Infineon Technologies AG

Part # BGA430
Download  BGA430 Click to download

File Size   724.48 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs

BGA430 Datasheet (HTML) - Infineon Technologies AG


BGA430 Product details

Description
The BGA430 is a broad band high gain amplifier based upon Infineon Technologies’ Silicon Bipolar Technology B6HF. Housed in a small SOT363 package this Silicon Monolithic Microwave Integrated Circuit (MMIC) requires very few external components due to the integrated biasing concept.

Features
• High gain |S21|2: 32 dB at 0.9 GHz, 28 dB at 2.15 GHz
• Low noise figure F50Ω: 2.2 dB at 0.9 GHz, 2.4 dB at 2.15 GHz
• Matched to 50Ω
• Reverse isolation > 40dB
• Small SOT363 package
• Typical supply voltage: 5V
• SIEGET®-25 technology

Applications
• LNB IF amplifiers
• CATV systems
• Set Top Boxes
• Buffer amplifiers for wide band applications




Similar Part No. - BGA430

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416 Datasheet
88Kb / 8P
RF Cascode Amplifier
June 2002
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
139Kb / 6P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Jan-29-2002
BGA420 INFINEON-BGA420 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
More results


Similar Description - BGA430

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
NXP Semiconductors
TFF1004HN NXP-TFF1004HN Datasheet
155Kb / 19P
Integrated mixer oscillator PLL for satellite LNB
Rev. 01-25 August 2008
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
logo
STMicroelectronics
STVVGLNA STMICROELECTRONICS-STVVGLNA Datasheet
79Kb / 4P
General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
01-Jun-2011
logo
Texas Instruments
UCC3895EVM TI-UCC3895EVM Datasheet
1Mb / 19P
Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
logo
Renesas Technology Corp
ISL9491 RENESAS-ISL9491 Datasheet
663Kb / 14P
Single Output LNB Supply Voltage Regulator for Satellite Set-Top Box Applications
logo
NXP Semiconductors
TFF1012HN NXP-TFF1012HN Datasheet
138Kb / 12P
Integrated mixer oscillator PLL for satellite LNB
Rev. 1-10 October 2013
TFF1013HN NXP-TFF1013HN Datasheet
342Kb / 13P
Integrated mixer oscillator PLL for satellite LNB
Rev. 1-11 September 2013
TFF1018HN NXP-TFF1018HN Datasheet
433Kb / 12P
Integrated mixer oscillator PLL for satellite LNB
Rev. 2-7 December 2011
TFF1024HN NXP-TFF1024HN Datasheet
190Kb / 16P
Integrated mixer oscillator PLL for satellite LNB
Rev. 1-13 January 2015
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com